Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LATBT686 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LATBT686
Description  Hyper Multi TOPLED Hyper-Bright LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LATBT686 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LATBT686 Datasheet HTML 2Page - OSRAM GmbH LATBT686 Datasheet HTML 3Page - OSRAM GmbH LATBT686 Datasheet HTML 4Page - OSRAM GmbH LATBT686 Datasheet HTML 5Page - OSRAM GmbH LATBT686 Datasheet HTML 6Page - OSRAM GmbH LATBT686 Datasheet HTML 7Page - OSRAM GmbH LATBT686 Datasheet HTML 8Page - OSRAM GmbH LATBT686 Datasheet HTML 9Page - OSRAM GmbH LATBT686 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LATB T686
2001-06-22
6
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Relative Lichtstärke
I
V/IV(20 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F = 20 mA
10 -1
V
OHL00660
mA
1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
3.2
10 0
10 1
10 2
amber
5
5
F
I
F
V
10 -1
V
OHL00661
2
10 0
10 1
10 2
true green
2.5
3
3.5
4
4.5
5
5.5
blue
5
5
mA
F
I
F
V
V
V (20 mA)
10 -1
0
10
10 12
10
mA
OHL00549
I
I
I
55
-2
10
5
10 -1
5
10 1
10 0
true green
amber
blue
V
V (25 ˚C)
OHL00552
I
I
true green
blue
TA
0
0
20
40
60
80
100
˚C
0.4
0.8
1.2
0.2
0.6
amber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com