Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC5567MZP80 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PPC5567MZP80
Description  Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5567MZP80 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PPC5567MZP80 Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5567MZP80 Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5567MZP80 Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5567MZP80 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5567MZP80 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5567MZP80 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5567MZP80 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5567MZP80 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5567MZP80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Ordering Information
MPC5567 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
2
Ordering Information
Figure 1. MPC5500 Family Part Number Example
Table 1. Orderable Part Numbers
Freescale Part
Number
Description
Speed
(MHz)
Max Speed1
(MHz) (fMAX)
1
Speed is the nominal maximum frequency. Max Speed is the maximum speed allowed including any frequency
modulation. 80-MHz parts allow for 80 MHz + 2% modulation. However, 132-MHz allows only 128 MHz + 2% FM.
Temperature
MPC5567MVR132
MPC5567 Lead free 416 package
132
132
-40° C to 125° C
MPC5567MZP132
MPC5567 Lead 416 package
132
132
-40° C to 125° C
MPC5567MVZ132
MPC5567 Lead free 324 package
132
132
-40° C to 125° C
MPC5567MZQ132
MPC5567 Lead 324 package
132
132
-40° C to 125° C
MPC5567MVR112
MPC5567 Lead free 416 package
112
114
-40° C to 125° C
MPC5567MZP112
MPC5567 Lead 416 package
112
114
-40° C to 125° C
MPC5567MVZ112
MPC5567 Lead free 324 package
112
114
-40° C to 125° C
MPC5567MZQ112
MPC5567 Lead 324 package
112
114
-40° C to 125° C
MPC5567MVR80
MPC5567 Lead free 416 package
80
82
-40° C to 125° C
MPC5567MZP80
MPC5567 Lead 416 package
80
82
-40° C to 125° C
MPC5567MVZ80
MPC5567 Lead free 324 package
80
82
-40° C to 125° C
MPC5567MZQ80
MPC5567 Lead 324 package
80
82
-40° C to 125° C
MPC
M
80 R2
Qualification Status
Core Code
Device Number
Temperature Range
Package Identifier
Operating Frequency (MHz)
Tape and Reel Status
Temperature Range
M = -40° C to 125° C
A = -55° C to 125° C
Package Identifier
ZP = 416PBGA SnPb
VR = 416PBGA Pb-free
ZQ = 324PBGA SnPb
VZ = 324PBGA Pb-free
Operating Frequency
80 = 80MHz
112 = 112MHz
132 = 132MHz
Note: Not all options are available on all devices. Refer to Table 1.
Tape and Reel Status
R2 = Tape and Reel
(blank) = Trays
Qualification Status
P = Pre Qualification
M = Full Spec Qualified
5567
ZP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com