Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS511AT Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS511AT
Description  Surface Mount Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS511AT Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS511AT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS511AT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS511AT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS511AT Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hall Effect Products
Surface Mount Sensors
SS5 Series
MICRO SWITCH Sensing and Control
FEATURES/BENEFITS
• Wide temperature and
voltage ranges for design
flexibility and harsh
(automotive)environments.
• Temperature compensated
for consistent operation with
low-cost magnets (SS500).
• SS5 Package is resistant to
thermal and mechanical
stress.
• SS5 profile is lower than
other SOT-89 packages.
This allows the customer to
reduce the total gap.
• Industry standard "gull-wing"
design. Less susceptibility to
"solder bridging". Allows
increased circuit board
density.
• Bipolar, unipolar and latching
magnetics.
• Low Gauss versions
available for high accuracy
or wide gap applications.
• SS5 package allows 4-pin
package designs
TYPICAL APPLICATIONS
• Brushless DC motors
• Digital current sensor
• Anti-skid braking sensor
• Piston detection in hydraulic
cylinder
• Valve position sensing
• Cam, lever, shaft position
sensing
• Tachometer, counter pickup
• Push-button sensor
• Disk speed, tape rotation,
flow rate sensing
• Speed sensing - rate, under,
over speed
• Remote reading sensor
• Magnetic card reader
SS5 Series Hall effect position sensors are operated by the magnetic
field from a permanent magnet or electromagnet. The small SOT89 style
package surface mounts on PC boards and flexible circuits. The SS5 uses
a industry standard "gull-wing" design which makes it less susceptible to
"solder bridging" and allows increased circuit board density. The SS5
series package can accommodate larger IC’s than SS1 and allows for four-
pin designs
The integrated circuits are designed to provide predictable performance
over the full temperature range of -40 to +150
°C. Bipolar, unipolar and
latching magnetics are available. The SS5 has the same footprint and pin-
out as the industry standard SOT-89. It will replace Honeywell SS1 Series
and any equivalent SOT-89 sensors from other suppliers with minimum or
no design changes.
On-board regulation provides extremely stable operation over the full
supply voltage range of 4.5 to 24 VDC(SS51T) or 3.8 to 30 VDC(SS500).
Current consumption is a low 10 mA maximum at 40
°C and is typically
7mA or less at room temperature and above. SS5 sensors are capable of
continuous 20 mA sinking output, and can withstand temporary current as
high as 20 mA maximum (SS51T) or 50 mA maximum (SS500). They can
use existing power supply sources in most applications, and can be directly
interfaced with many electronic components without buffering or
compensation circuitry.
SS5 Series sensors are supplied on tape and reel for high-volume,
automated pick and place equipment. Each reel contains 1,000 sensors.
MICRO SWITCH supplies bar and ring magnets for operating Hall effect
sensors. Bar magnets can operate any Hall effect sensor. Ring magnets
are magnetized on the outside diameter with alternating North and South
poles. They are particularly useful with bipolar sensors and rpm
measurement.


Similar Part No. - SS511AT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS511AT HONEYWELL-SS511AT Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results

Similar Description - SS511AT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS100 HONEYWELL-SS100 Datasheet
222Kb / 3P
Surface Mount Digital Position Sensors
logo
Sensortechnics GmbH
SXL010GSMT SENSORTECHNICS-SXL010GSMT Datasheet
91Kb / 2P
Surface mount pressure sensors
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
STMicroelectronics
TN1198 STMICROELECTRONICS-TN1198 Datasheet
140Kb / 10P
Surface mount guidelines for MEMS sensors in HLGA packages
05-Dec-2014
logo
All Sensors Corporation
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
CSM-001G-LF ASC-CSM-001G-LF Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
CSM-001G-LP ASC-CSM-001G-LP Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
CSM-015G-LF ASC-CSM-015G-LF Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com