Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6624S/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD6624S/PCB
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624S/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6624S/PCB Datasheet HTML 25Page - Analog Devices AD6624S/PCB Datasheet HTML 26Page - Analog Devices AD6624S/PCB Datasheet HTML 27Page - Analog Devices AD6624S/PCB Datasheet HTML 28Page - Analog Devices AD6624S/PCB Datasheet HTML 29Page - Analog Devices AD6624S/PCB Datasheet HTML 30Page - Analog Devices AD6624S/PCB Datasheet HTML 31Page - Analog Devices AD6624S/PCB Datasheet HTML 32Page - Analog Devices AD6624S/PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
REV. B
AD6624
–29–
Regardless of whether the chip is a Serial Bus Master or is in
Serial Slave mode, the AD6624 Serial Port functions are identi-
cal except for the source of the SCLK and SDFS pins.
SCLK
SCLK is an output when SBM (SBM0 or register bit for Serial
Ports 1, 2, and 3) is high; SCLK is an input when SBM (SBM0
or register bit for Serial Ports 1, 2, and 3) is low in serial slave
mode. In either case, the SDIN input is sampled on the falling
edge of SCLK and all outputs are switched on the rising edge of
SCLK. The SDFS pin is sampled on the falling edge of SCLK.
This allows the AD6624 to recognize the SDFS in time to initiate a
frame on the very next SCLK rising edge. The maximum speed
of this port is 80 MHz.
SDIN
SDIN is the Serial Data Input. Serial Data is sampled on the
falling edge of SCLK. This pin is used in the serial control
mode to write the internal control registers of the AD6624.
These activities are described later in the Serial Port Control
section. The Serial Input Port is self-framing and bears no fixed
relationship to either SDFS or SDFE.
SDO
SDO is the Serial Data Output. Serial output data is shifted on
the rising edge of SCLK. On the very next SCLK rising edge
after an SDFS, the MSB of the I data from the channel is shifted.
On every subsequent SCLK edge, a new piece of data is shifted
out on the SDO pin until the last bit of data is shifted out. The
last bit of data shifted is the LSB of the Channel’s Q data. SDO
is three-stated when the serial port is outside its time-slot. This
allows the AD6624 to share the SDIN of a DSP with other
AD6624s or other devices.
SDFS
SDFS is the Serial Data Frame Sync signal. SDFS is an output
when SBM (SBM0 or register bit for Serial Ports 1, 2, and 3)
is high in the Master mode. SDFS is an input when SBM
(SBM0 or register bit for Serial Ports 1, 2, and 3) is low in the
Slave mode. SDFS is sampled on the falling edge of SCLK.
When SBM is sampled low, the AD6624 serial port will func-
tion as a serial slave. In this mode, the port is silent until the
DSP issues a frame sync. When the AD6624 detects an SDFS
on the falling edge of a DSP-generated serial clock, on the next
rising edge of the serial clock, the AD6624 enables the output
driver and shifts the MSB of the I word. Data is shifted until the
LSB of the Q word has been sent. On the LSB of the Q word,
the AD6624 generates an SDFE, which can be cascaded to the
next SDFS on a TDM serial chain or to the DSP to indicate
that the last bit has been sent.
When SBM is sampled high, the chip functions as a serial bus
master. In this mode, the AD6624 is responsible for generating
serial control data. Three modes of that operation are set via
channel address 0xA9 Bits 8–7. Each behaves a little differently,
as detailed below.
In the first mode (0xA9 Bits 8–7:00), the SDFS is valid for one
complete clock cycle prior to the data shift. On the next clock
cycle, the AD6624 begins shifting serial data. In the second mode,
(0xA9 Bits 8–7:01), the SDFS is high for the entire time that
valid bits are being shifted. The SDFS bit goes high concurrent
with the first bit shifted out of the AD6624 and returns low
after the last bit is shifted out of the AD6624. In the third mode
(0xA9 Bits 8–7:10), the SDFS bit goes high as in the first mode,
one clock cycle prior to the actual data. However, a second
SDFS is inserted one clock cycle prior to the shift of the first
Q bit. In this manner, each word out of the AD6624 is accom-
panied by an SDFS.
SDFE
SDFE is the Serial Data Frame End output. SDFE will go high
during the last SCLK cycle (LSB of the Q word) of an active
time-slot. The SDFE output of a master AD6624 channel can
be tied to the input SDFS of an AD6624 channel in Serial Slave
mode in order to provide a hard-wired time-slot scenario. When
the last bit of SDO data is shifted out of the Master AD6624, the
SDFE signal will be driven high by the same SCLK rising edge
on which this bit is clocked out. On the falling edge of this
SCLK cycle, the slaved serial port will sample its SDFS signal,
which is hard-wired to the SDFE of the master. On the very
next SCLK rising edge, data of the slave will start shifting. There
will be no rest between the time slots of the master and slave.
Serial Word Length
Bits 6–5 of register 0xA9 determine the length of the serial word
(I or Q). If these bits are set to ‘00,’ each word is 12 bits (12
bits for I and 12 more bits for Q). If set to ‘01,’ the serial words
are 16 bits wide, and if set to ‘1x’ (x is don’t care), the word
length is 24 bits.
SDFS Mode
Bits 8–7 of register 0xA9 determine how the SFDS behaves in
Serial Bus Master mode. In Serial Slave mode, the frame sync
must be formatted by programming Bits 8–7 to ‘00.’
The first mode is set by programming Bits 8–7 to ‘00’. In this
mode, the SDFS is valid for one complete clock cycle prior to
the data shift. On the next clock cycle, the AD6624 begins shift-
ing out the digitally processed data stream. Depending on the
bit precision of the serial configuration, either 12, 16, or 24 bits
of I data are shifted out, followed by 12, 16, or 24 bits of Q data.
The second mode is set by programming Bits 8–7 to ‘01.’ In this
mode, the SDFS is high for the entire time that valid bits are
being shifted. The SDFS bit goes high concurrent with the
first bit shifted out of the AD6624 and goes low after the last bit
has been shifted.
The third mode is set by programming Bits 8–7 to ‘1x’ (x is
don’t care). In this mode, the SDFS bit goes high as in the first
mode, one clock cycle prior to the actual data. However, a sec-
ond SDFS is inserted one clock cycle prior to the shift of the first
Q bit. In this manner, each word out of the AD6624 is accompa-
nied by an SDFS.
Mapping RCF Data to the BIST Registers
If Bit 9 of 0xA9 is set, RCF data is routed to the BIST registers.
This allows the filter results to be read from the microprocessor
port. This can be useful when the data must be accessed via a
parallel port and the decimation rate is sufficiently high that
throughput does not become an issue.
0x00–0x7F: Coefficient Memory (CMEM)
This is the Coefficient Memory (CMEM) used by the RCF. It is
memory mapped as 128 words by 20 bits. A second 128 words of
RAM may be accessed via this same location by writing Bit 8 of
the RCF control register high at channel address 0xA4. The
filter calculated will always use the same coefficients for I and
Q. By using memory from both of these 128 blocks, a filter up
to 160 taps can be calculated. Multiple filters can be loaded
and selected with a single internal access to the Coefficient
Offset Register at channel address 0xA3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com