Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSD42SWT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSD42SWT1
Description  NPN Silicon General Purpose High Voltage Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSD42SWT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MSD42SWT1 Datasheet HTML 1Page - ON Semiconductor MSD42SWT1 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 1
1
Publication Order Number:
MSD42SWT1/D
MSD42SWT1
Preferred Device
NPN Silicon General
Purpose High Voltage
Transistor
This NPN Silicon Planar Transistor is designed for general purpose
amplifier applications. This device is housed in the SC-70/SOT-323
package which is designed for low power surface mount applications.
Features
Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
300
Vdc
Collector-Emitter Voltage
V(BR)CEO
300
Vdc
Emitter-Base Voltage
V(BR)EBO
6.0
Vdc
Collector Current − Continuous
IC
150
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not normal
operating conditions) and are not valid simultaneously. If these limits are exceeded,
device functional operation is not implied, damage may occur and reliability may
be affected.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
300
Vdc
Collector-Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
300
Vdc
Emitter-Base Breakdown Voltage
(IE = 100 mAdc, IE = 0)
V(BR)EBO
6.0
Vdc
Collector-Base Cutoff Current
(VCB = 300 Vdc, IE = 0)
ICBO
0.1
mA
Emitter−Base Cutoff Current
(VEB = 6.0 Vdc, IB = 0)
IEBO
0.1
mA
DC Current Gain (Note 2)
(VCE = 10 Vdc, IC = 1.0 mAdc)
(VCE = 10 Vdc, IC = 30 mAdc)
hFE1
hFE2
25
40
200
Collector-Emitter Saturation Voltage
(Note 2) (IC = 200 mAdc,
IB = 2.0 mAdc)
VCE(sat)
0.5
Vdc
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum
recommended footprint.
2. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.
SC−70 (SOT−323)
CASE 419
STYLE 3
MARKING DIAGRAM
3
1
2
Device
Package
Shipping
ORDERING INFORMATION
MSD42SWT1
SC−70/SOT−323
3000/Tape & Reel
D4
= Device Code
M
= Date Code*
G
= Pb−Free Package
Preferred devices are recommended choices for future use
and best overall value.
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
MSD42SWT1G SC−70/SOT−323
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
D4 M
G
G
1
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - MSD42SWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD42SWT1G ONSEMI-MSD42SWT1G Datasheet
107Kb / 2P
NPN Silicon General Purpose High Voltage Transistor
October, 2010 -- Rev. 2
MSD42SWT1G ONSEMI-MSD42SWT1G_10 Datasheet
107Kb / 2P
NPN Silicon General Purpose High Voltage Transistor
October, 2010 -- Rev. 2
More results

Similar Description - MSD42SWT1

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
AUK corp
2N5551 AUK-2N5551 Datasheet
199Kb / 3P
NPN Silicon Transistor (General purpose amplifier High voltage application)
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
ON Semiconductor
MSD42SWT1G ONSEMI-MSD42SWT1G_10 Datasheet
107Kb / 2P
NPN Silicon General Purpose High Voltage Transistor
October, 2010 -- Rev. 2
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
logo
AiT Semiconductor Inc.
MMBTA42L AITSEMI-MMBTA42L Datasheet
552Kb / 6P
GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE NPN TRANSISTOR
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com