Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5421 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5421
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5421 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5421 Datasheet HTML 1Page - ON Semiconductor CS5421 Datasheet HTML 2Page - ON Semiconductor CS5421 Datasheet HTML 3Page - ON Semiconductor CS5421 Datasheet HTML 4Page - ON Semiconductor CS5421 Datasheet HTML 5Page - ON Semiconductor CS5421 Datasheet HTML 6Page - ON Semiconductor CS5421 Datasheet HTML 7Page - ON Semiconductor CS5421 Datasheet HTML 8Page - ON Semiconductor CS5421 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 10
1
Publication Order Number:
CS5421/D
CS5421
Dual Out−of−Phase
Synchronous Buck
Controller with Remote
Sense
The CS5421 is a dual N−channel synchronous buck regulator
controller. It contains all the circuitry required for two independent
buck regulators and utilizes the V2™ control method to achieve the
fastest possible transient response and best overall regulation, while
using the least number of external components. The CS5421 features
out−of−phase synchronization between the channels, reducing the
input filter requirement. The CS5421 also provides undervoltage
lockout, Soft Start, built in adaptive FET non−overlap and remote
sense capability. The part is available in a 16 Lead SO Narrow package
allowing the designer to minimize solution size.
Features
V2 Control Topology
150 ns Transient Response
Programmable Soft Start
25 ns Gate Rise and Fall Times (with 1.0 nF load)
40 ns Adaptive FET Nonoverlap Time
100% Duty Cycle for Enhanced Transient Response
Internal Slope Compensation
1.0 V 0.8% and 2.0% Error Amplifier References
150 kHz to 750 kHz Programmable Frequency Operation
Switching Frequency Set by Single Resistor
Out−Of−Phase Synchronization Between the Channels Reduces the
Input Filter Requirement
Undervoltage Lockout
On/Off Control Through Use of the COMP Pins
CS5421GDR16
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5421GD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
VFB1
COMP1
SGND
GATE(H)1
PIN CONNECTIONS AND
MARKING DIAGRAM
GATE(L)1
PGND
LGND
VFFB1
SO−16
D SUFFIX
CASE 751B
1
16
GATE(H)2
GATE(L)2
PGND2
VCC
ROSC
VFFB2
VFB2
COMP2


Similar Part No. - CS5421

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5422 ONSEMI-CS5422 Datasheet
369Kb / 17P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
CS5422GD16 ONSEMI-CS5422GD16 Datasheet
369Kb / 17P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
CS5422GDR16 ONSEMI-CS5422GDR16 Datasheet
369Kb / 17P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
CS5422GDWF24 ONSEMI-CS5422GDWF24 Datasheet
369Kb / 17P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
CS5422GDWFR24 ONSEMI-CS5422GDWFR24 Datasheet
369Kb / 17P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
More results

Similar Description - CS5421

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5422A ONSEMI-NCP5422A Datasheet
126Kb / 18P
Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
CS5422 ONSEMI-CS5422 Datasheet
369Kb / 17P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5422A ONSEMI-NCP5422A_06 Datasheet
163Kb / 16P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
April, 2006 ??Rev. 7
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 44P
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
LTC3855 LINER-LTC3855_15 Datasheet
2Mb / 44P
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
ON Semiconductor
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com