Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVR
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73233DBVR Datasheet HTML 9Page - Texas Instruments TPS73233DBVR Datasheet HTML 10Page - Texas Instruments TPS73233DBVR Datasheet HTML 11Page - Texas Instruments TPS73233DBVR Datasheet HTML 12Page - Texas Instruments TPS73233DBVR Datasheet HTML 13Page - Texas Instruments TPS73233DBVR Datasheet HTML 14Page - Texas Instruments TPS73233DBVR Datasheet HTML 15Page - Texas Instruments TPS73233DBVR Datasheet HTML 16Page - Texas Instruments TPS73233DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
dV dt
+
V
OUT
C
OUT
80kW ø (R1 ) R2) ø RLOAD
(5)
REVERSE CURRENT
POWER DISSIPATION
THERMAL PROTECTION
P
D
+ (VIN * VOUT)
I
OUT
(6)
Package Mounting
TPS732xx
SBVS037I – AUGUST 2003 – REVISED MAY 2006
(Adjustable voltage version)
35°C
above
the
maximum
expected
ambient
condition of your application. This produces a
worst-case junction temperature of 125°C at the
highest
expected
ambient
temperature
and
worst-case load.
The internal protection circuitry of the TPS732xx has
The NMOS pass element of the TPS732xx provides
been
designed
to
protect
against
overload
inherent protection against current flow from the
conditions. It was not intended to replace proper
output of the regulator to the input when the gate of
heatsinking. Continuously running the TPS732xx into
the pass device is pulled low. To ensure that all
thermal shutdown will degrade device reliability.
charge is removed from the gate of the pass
element, the enable pin must be driven low before
the input voltage is removed. If this is not done, the
The ability to remove heat from the die is different for
pass element may be left on due to stored charge on
each
package
type,
presenting
different
the gate.
considerations in the PCB layout. The PCB area
After the enable pin is driven low, no bias voltage is
around the device that is free of other components
needed on any pin for reverse current blocking. Note
moves the heat from the device to the ambient air.
that reverse current is specified as the current
Performance data for JEDEC low- and high-K boards
flowing out of the IN pin due to voltage applied on
are shown in the Power Dissipation Ratings table.
the OUT pin. There will be additional current flowing
Using heavier copper will increase the effectiveness
into the OUT pin due to the 80k
Ω internal resistor
in removing heat from the device. The addition of
divider to ground (see Figure 1 and Figure 2).
plated through-holes to heat-dissipating layers will
also improve the heat-sink effectiveness.
For the TPS73201, reverse current may flow when
VFB is more than 1.0V above VIN.
Power dissipation depends on input voltage and load
conditions. Power dissipation is equal to the product
of the output current times the voltage drop across
the output pass element (VIN to VOUT):
Thermal protection disables the output when the
junction temperature rises to approximately 160°C,
allowing the device to cool. When the junction
Power dissipation can be minimized by using the
temperature cools to approximately 140°C, the
lowest possible input voltage necessary to assure
output circuitry is again enabled. Depending on
the required output voltage.
power dissipation, thermal resistance, and ambient
temperature, the thermal protection circuit may cycle
on and off. This limits the dissipation of the regulator,
protecting it from damage due to overheating.
Solder
pad
footprint
recommendations
for
the
TPS732xx are presented in Application Bulletin
Any tendency to activate the thermal protection
Solder Pad Recommendations for Surface-Mount
circuit indicates excessive power dissipation or an
Devices
(AB-132),
available
from
the
Texas
inadequate heatsink. For reliable operation, junction
Instruments web site at www.ti.com.
temperature should be limited to 125°C maximum.
To estimate the margin of safety in a complete
design (including heatsink), increase the ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good
reliability, thermal protection should trigger at least
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com