Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJSV-42PL2 Datasheet(PDF) 3 Page - ITT Industries

Part # MJSV-42PL2
Description  Micro Center Jackscrew
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MJSV-42PL2 Datasheet(HTML) 3 Page - ITT Industries

  MJSV-42PL2 Datasheet HTML 1Page - ITT Industries MJSV-42PL2 Datasheet HTML 2Page - ITT Industries MJSV-42PL2 Datasheet HTML 3Page - ITT Industries MJSV-42PL2 Datasheet HTML 4Page - ITT Industries MJSV-42PL2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
41
www.ittcannon.com
Micro Center Jackscrew
MJS
Shrouded Receptacle (42)
+
MJSR-42P
A
1.322
(33.58)
REF.
.125
(3.18)
TYP.
CAV. #1
.075
(1.91)
TYP.
#1 (.073) - 64 UNC-2B
THREADED INSERT
.035 (0.89)
.015 (0.38)
TYP.
B
C
D
CAV. #31
.100
(2.54)
TYP.
.297
(7.54)
REF.
.420
(10.67)
MAX.
CAV #42
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
A
1.328
(33.73)
REF.
.125
(3.18)
TYP.
.100
(2.54)
TYP.
CAV
# 1
CAV. 42
1/16 SOCKET HEAD JACKSCREW
#1 (.073 - 64 UNC - 2A THREAD
C
.131 (3.33)
.121 (3.07)
TYP
B
.145 (3.68)
DIA. MAX.
.108
(2.74)
MAX.
.075 (1.91)
TYP.
.303
(7.70)
REF.
.420
(10.67)
MAX.
MJSR-42S
Part Number
A
Max.
B
Max.
C
Ref.
D
±.006 (0.15)
MJSR-42P
MJSR-42S
1.445 (36.70)
1.445 (36.70)
.345 (8.76)
.357 (9.07)
1.250 (31.75)
1.250 (31.75)
.142 (3.61)
-
STANDARD MATERIALS AND FINISHES
Micropin
Microsocket
Insulator
Jackscrew
Retainer, Jackscrew
Insert, Threaded
Copper alloy, 50 miro-inch gold
Copper alloy, 50 micro-inch gold
Polyphenylene sulfide, black color
Stainless steel, passivated
Stainless steel, passivated
Stainless steel, passivated
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com