Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL-J70BAI011 Datasheet(PDF) 21 Page - SPANSION

Part # S29PL-J70BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J70BAI011 Datasheet(HTML) 21 Page - SPANSION

Back Button S29PL-J70BAI011 Datasheet HTML 17Page - SPANSION S29PL-J70BAI011 Datasheet HTML 18Page - SPANSION S29PL-J70BAI011 Datasheet HTML 19Page - SPANSION S29PL-J70BAI011 Datasheet HTML 20Page - SPANSION S29PL-J70BAI011 Datasheet HTML 21Page - SPANSION S29PL-J70BAI011 Datasheet HTML 22Page - SPANSION S29PL-J70BAI011 Datasheet HTML 23Page - SPANSION S29PL-J70BAI011 Datasheet HTML 24Page - SPANSION S29PL-J70BAI011 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
19
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
8.
Pin Description
Note
Amax = A22 (PL127J), A21 (PL129J and PL064J), A20 (PL032J)
9.
Logic Symbol
Amax–A0
Address bus
DQ15–DQ0
16-bit data inputs/outputs/float
CE#
Chip Enable Inputs
OE#
Output Enable Input
WE#
Write Enable
VSS
Device Ground
NC
Pin Not Connected Internally
RY/BY#
Ready/Busy output and open drain.
When RY/BY#= VIH, the device is ready to accept read operations and commands. When RY/
BY#= VOL, the device is either executing an embedded algorithm or the device is executing a
hardware reset operation.
WP#/ACC
Write Protect/Acceleration Input.
When WP#/ACC= VIL, the highest and lowest two 4K-word sectors are write protected regardless
of other sector protection configurations. When WP#/ACC= VIH, these sector are unprotected
unless the DYB or PPB is programmed. When WP#/ACC= 12V, program and erase operations
are accelerated.
VIO
Input/Output Buffer Power Supply
(1.65 V to 1.95 V (for PL127J and PL129J) or 2.7 V to 3.6 V (for all PLxxxJ devices))
VCC
Chip Power Supply
(2.7 V to 3.6 V or 2.7 to 3.3 V)
RESET#
Hardware Reset Pin
CE1#, CE2#
Chip Enable Inputs.
CE1# controls the 64Mb in Banks 1A and 1B.
CE2# controls the 64 Mb in Banks 2A and 2B. (Only for PL129J)
max+1
16
DQ15–DQ0
Amax–A0
CE#
OE#
WE#
RESET#
RY/BY#
WP#/ACC
VIO (VCCQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com