Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP310 Datasheet(PDF) 7 Page - Pico Technology Ltd.

Part # PP310
Description  High-resolution data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP310 Datasheet(HTML) 7 Page - Pico Technology Ltd.

  PP310 Datasheet HTML 1Page - Pico Technology Ltd. PP310 Datasheet HTML 2Page - Pico Technology Ltd. PP310 Datasheet HTML 3Page - Pico Technology Ltd. PP310 Datasheet HTML 4Page - Pico Technology Ltd. PP310 Datasheet HTML 5Page - Pico Technology Ltd. PP310 Datasheet HTML 6Page - Pico Technology Ltd. PP310 Datasheet HTML 7Page - Pico Technology Ltd. PP310 Datasheet HTML 8Page - Pico Technology Ltd. PP310 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ADC-20 and ADC-24 data loggers
Inputs and outputs
ADC-20
ADC-24
Resolution
20 bits
24 bits
Number of channels
4 differential / 8 single-ended
8 differential / 16 single-ended
Each differential channel can optionally be configured as two single-ended channels.
Conversion time per channel
660 ms, 340 ms, 180 ms, 100 ms, 60 ms
Voltage ranges
±2500 mV
±1250 mV
±2500 mV
±1250 mV
±625 mV
±312 mV
±156 mV
±78 mV
±39 mV
Gain error
0.2% of reading
0.2% (±2500 mV range)
0.1% (±39 mV to ±1250 mV ranges)
Offset accuracy
400 µV (±2500 mV range)
36 µV (±1250 mV range)
400 µV (±2500 mV range)
36 µV (±1250 mV range)
20 µV (±625 mV range)
13 µV (±313 mV range)
9 µV (±156 mV range)
7 µV (±78 mV range)
6 µV (±39 mV range)
Offsets typical with input source impedance ≤ 1 kΩ
Noise-free resolution
Conversion
time per
channel
Voltage range
ADC-24 only
ADC-20 and ADC-24
±39 mV
±78 mV
±156 mV
±313 mV
±625 mV
±1250 mV
±2500 mV
Noise-free resolution (bits)
660 ms
17
18
19
20
20
20
20
340 ms
17
18
19
19
19
20
20
180 ms
16
17
18
19
19
19
19
100 ms
16
17
18
18
18
19
19
60 ms
15
16
17
18
18
18
18
Noise rejection
120 dB typical at 50/60 Hz
Input impedance
Differential:
2 MΩ
Single-ended: 1 MΩ
ADC input bias current
50 nA max.
Common mode input range, channel to common
±3.0 V (±2500 mV range)
±1.9 V (±39 mV to ±1250 mV ranges)
Common mode input range, common to earth ground
±30 V
Specifications



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com