Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFEEF5SWP040C Datasheet(PDF) 2 Page - ITT Industries

Part # TFEEF5SWP040C
Description  Miniature Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TFEEF5SWP040C Datasheet(HTML) 2 Page - ITT Industries

  TFEEF5SWP040C Datasheet HTML 1Page - ITT Industries TFEEF5SWP040C Datasheet HTML 2Page - ITT Industries TFEEF5SWP040C Datasheet HTML 3Page - ITT Industries TFEEF5SWP040C Datasheet HTML 4Page - ITT Industries TFEEF5SWP040C Datasheet HTML 5Page - ITT Industries TFEEF5SWP040C Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
K–6
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K TF Series
Miniature Snap-acting Switches
SERIES
OPERATING FORCE
ELECTRICAL RATING
TF
MINIATURE SNAP-ACTING SWITCHES – SP MOMENTARY
*Minimums may apply, consult Customer Service Center.
Operating Force option ‘CC’ not available with ‘T18 & T26’ Actuator options.
Operating force varies with actuator option, see ACTUATOR option section.
BASIC SWITCH OPERATING
OPTION CODE
FORCE (OZ./GRAMS)
CC
.53
15
CD
.88
25
CF
1.76
50
CG
2.65
75
CJ
5.29
150
EC
7.94
225
EE*
14.11
400
All models
with all options,
.
Consult Customer Service center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing
occurs during switching, i.e.,
0.4 VA max. @ 20 V AC or DC max.
OPTION CODE
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
MOVABLE
CONTACT
STATIONARY
CONTACT
ELECTRICAL RATING
F5
Yes
Yes
Gold alloy
Gold alloy
From low level* to 1 AMP @ 125 V AC, 1 AMP @ 30 V DC.
H8
Yes
Yes
5 AMPS @ 277 V AC; 1/10 HP @ 125 & 250 V AC.
J3
Yes
Yes
21 AMPS @ 277 V AC; 1 HP @ 125 V AC; 2 HP @ 250 V AC;
5 AMPS @ 125 V AC “L”.
J6
Yes
Yes
15 AMPS @ 277 V AC; 1/2 HP @ 125 & 250 V AC; 5 AMPS @ 125 V AC “L”. 0.5
AMP @ 125 V DC; 0.25 AMP @ 250 V DC.
K6
Yes
Yes
11 AMPS @ 277 V AC; 1/3 HP @ 125 & 250 V AC; 0.5 AMP @ 125 V DC;
0.25 AMP @ 250 V DC.
L1
Yes
Yes
25 AMPS @ 125 & 277 V AC; 1 1/2 HP @ 125 V AC; 2 HP @ 250 V AC
L3
Yes
Yes
20 AMPS @ 250 V AC; 1 HP @ 125 V AC; 2 HP @ 250 V AC
CONTACT MATERIAL
Precious
metal alloy
Fine Silver
Fine Silver
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com