Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGL620P Datasheet(PDF) 66 Page - Cooper Bussmann, Inc.

Part # IGL620P
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

IGL620P Datasheet(HTML) 66 Page - Cooper Bussmann, Inc.

Back Button IGL620P Datasheet HTML 62Page - Cooper Bussmann, Inc. IGL620P Datasheet HTML 63Page - Cooper Bussmann, Inc. IGL620P Datasheet HTML 64Page - Cooper Bussmann, Inc. IGL620P Datasheet HTML 65Page - Cooper Bussmann, Inc. IGL620P Datasheet HTML 66Page - Cooper Bussmann, Inc. IGL620P Datasheet HTML 67Page - Cooper Bussmann, Inc. IGL620P Datasheet HTML 68Page - Cooper Bussmann, Inc. IGL620P Datasheet HTML 69Page - Cooper Bussmann, Inc. IGL620P Datasheet HTML 70Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
E-59
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
50A Hart-Lock®
Locking Devices
Industrial Specification Grade
and Marine Grade Non-NEMA
Configurations
50A Hull Inlets, Marine Grade
FEATURES
■
Internal construction consists of rugged
glass reinforced nylon.
■
Body, flange and lid made from chrome
plated forged brass.
■
Back wired for quick and dependable
conductor termination.
■
Terminal lugs designed for #6 wire.
■
Deep, tapered wire wells for positive
conductor isolation.
50A Flanged Inlets, Industrial Specification Grade
Rating
AV/AC
Configuration
Catalog No.
50
125
2 Pole, 3 Wire
63CR72
125/250
3 Pole, 4 Wire
63CR74
50A Receptacle Covers
FEATURES
■
UL Listed for wet locations with cover closed
and damp locations with cover open or closed.
50 Amp Receptacle Covers
Description
Catalog No.
Weather protective die-cast aluminum, lift lid cover
7770
Weather protective yellow glass filled nylon, with lift lid cover
7788CR
TESTING & CODE
COMPLIANCE
• Listed to UL 498:
(file no. E3663);
Weather protective
lids listed to UL 514A
7770:
(file no. E3663),
and to UL 514C
7788CR:
(file no. E2458)
• cUL listed to CSA
C22.2 no. 42, and
no. 18 per files
listed above.
MATERIAL
CHARACTERISTICS
Glass-filled Nylon,
except 7770:
Die-cast Aluminum;
Environmental:
Flammability
per UL 94
requirements,
V0 rated.
Temperature Rating:
-40°C to 105°C.
R
C
2.17"
(55.1mm)
3.92" (99.6mm)
2.16"
(54.9mm)
3.0"
(76.2mm)
2.37"
(60.2mm)
0.17" dia.
(4.32mm)
2.01"dia.
(51.1mm)
63CR72
2.17"
(55.1mm)
3.92" (99.6mm)
2.16"
(54.9mm)
3.0"
(76.2mm)
2.37"
(60.2mm)
0.17" dia.
(4.32mm)
2.01"dia.
(51.1mm)
63CR74
3.32"dia.
(84.3mm)
1.88"
(47.8mm)
3.25"
(82.6mm)
4.56"
(115.8mm)
2.84"
(72.1mm)
2.40"
(61.0mm)
7770
3.29"Dia.
(83.6mm)
3.25"
(82.6mm)
4.56"
(115.8mm)
1.88"
(47.8mm)
2.85"
(72.4mm)
7788CR
INLET
63CR72
INLET
63CR74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com