Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29BDS640HD9 Datasheet(PDF) 23 Page - SPANSION

Part # AM29BDS640HD9
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640HD9 Datasheet(HTML) 23 Page - SPANSION

Back Button AM29BDS640HD9 Datasheet HTML 19Page - SPANSION AM29BDS640HD9 Datasheet HTML 20Page - SPANSION AM29BDS640HD9 Datasheet HTML 21Page - SPANSION AM29BDS640HD9 Datasheet HTML 22Page - SPANSION AM29BDS640HD9 Datasheet HTML 23Page - SPANSION AM29BDS640HD9 Datasheet HTML 24Page - SPANSION AM29BDS640HD9 Datasheet HTML 25Page - SPANSION AM29BDS640HD9 Datasheet HTML 26Page - SPANSION AM29BDS640HD9 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
21
D A TA
SH EE T
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device
energy consumption. While in asynchronous mode, the
device automatically enables this mode when
addresses remain stable for tACC + 60 ns. The auto-
matic sleep mode is independent of the CE#, WE#, and
OE# control signals. Standard address access timings
provide new data when addresses are changed. While
in sleep mode, output data is latched and always avail-
able to the system. While in synchronous mode, the
device automatically enables this mode when either the
first active CLK level is greater than tACC or the CLK
runs slower than 5 MHz. Note that a new burst opera-
tion is required to provide new data.
ICC6 in the “DC Characteristics” section on page 54
represents the automatic sleep mode current specifica-
tion.
RESET#: Hardware Reset Input
The RESET# input provides a hardware method of
resetting the device to reading array data. When
RESET# is driven low for at least a period of tRP, the
device immediately terminates any operation in
progress, tristates all outputs, resets the configuration
register, and ignores all read/write commands for the
duration of the RESET# pulse. The device also resets
the internal state machine to reading array data. The
operation that was interrupted should be reinitiated
once the device is ready to accept another command
sequence, to ensure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VSS ± 0.2 V, the device
draws CMOS standby current (ICC4). If RESET# is held
at VIL but not within VSS ± 0.2 V, the standby current will
be greater.
RESET# may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from
the Flash memory.
If RESET# is asserted during a program or erase oper-
ation, the device requires a time of tREADY (during
Embedded Algorithms) before the device is ready to
read data again. If RESET# is asser ted when a
program or erase operation is not executing, the reset
operation is completed within a time of tREADY (not
during Embedded Algorithms). The system can read
data tRH after RESET# returns to VIH.
Refer to the “AC Characteristics” section on page 68 for
RESET# parameters and to Figure 33, “Reset Tim-
ings,” on page 68 for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The outputs are placed in the high imped-
ance state.
Figure 1.
Temporary Sector Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected (If WP# = VIL,
outermost boot sectors will remain protected).
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com