Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HORNETPRO-8S1 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # HORNETPRO-8S1
Description  Remote Control System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

HORNETPRO-8S1 Datasheet(HTML) 1 Page - rfsolutions.ltd

  HORNETPRO-8S1 Datasheet HTML 1Page - rfsolutions.ltd HORNETPRO-8S1 Datasheet HTML 2Page - rfsolutions.ltd HORNETPRO-8S1 Datasheet HTML 3Page - rfsolutions.ltd HORNETPRO-8S1 Datasheet HTML 4Page - rfsolutions.ltd HORNETPRO-8S1 Datasheet HTML 5Page - rfsolutions.ltd HORNETPRO-8S1 Datasheet HTML 6Page - rfsolutions.ltd HORNETPRO-8S1 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HORNET PRO
Remote Control System
DS HORNETPRO-3
Applications
General Purpose Remote Switching
Electric Gates
Roller Shutter Doors
Garden Lighting, Sports Grounds
Features:
Up to 200m Range
868MHz FM Technology
1 – 4 Channels each 1000W
Waterproof Receiver (IP68)
High Security RF Protocol
2 / 4 Changeover Relays Contacts
Rated 5A @ 230Vac
12-30Vac/dc, 110V or 230Vac
versions Available
Outputs Momentary or Latching
Any Switch Map to Any Relay
Systems supplied ’ready to Go’
Description
A versatile general purpose Remote Control System for many different applications.
Housed in a rugged IP68 weatherproof enclosure, The new HORNETPRO system is ide-
ally suited to any remote switch requirement. With upto 4 changeover Relay switch
outputs each output can be controlled from any switch on any transmitter. Additional
transmitters may be added to the system using the same ‘easy-learn’ process with-
out opening the enclosure.
Installation is by screw terminals to the power supply and the output relay contacts.
The output relays are activated by the button press on the transmitter encoder.


Similar Part No. - HORNETPRO-8S1

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
HORNET RFSOLUTIONS-HORNET Datasheet
3Mb / 9P
Remote Comtrol System
HORNET-S1 RFSOLUTIONS-HORNET-S1 Datasheet
3Mb / 9P
Remote Comtrol System
HORNET-S1M RFSOLUTIONS-HORNET-S1M Datasheet
3Mb / 9P
Remote Comtrol System
HORNET-S2 RFSOLUTIONS-HORNET-S2 Datasheet
3Mb / 9P
Remote Comtrol System
HORNET-S2M RFSOLUTIONS-HORNET-S2M Datasheet
3Mb / 9P
Remote Comtrol System
More results

Similar Description - HORNETPRO-8S1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
IR Preamplifier for Remote Control System
logo
List of Unclassifed Man...
SAF1032 ETC-SAF1032 Datasheet
614Kb / 14P
REMOTE CONTROL SYSTEM FOR INFRARED OPERATION
logo
SHANGHAI BELLING CO., L...
BL50436 BELLING-BL50436 Datasheet
56Kb / 2P
Color TV Remote Control System
logo
rfsolutions.ltd
FM-RCHN-XXXRS RFSOLUTIONS-FM-RCHN-XXXRS Datasheet
550Kb / 4P
FM REMOTE CONTROL SYSTEM
logo
List of Unclassifed Man...
HT658-S ETC2-HT658-S Datasheet
168Kb / 6P
CMOS LSI for remote control system applications
logo
rfsolutions.ltd
QUANTAFOB RFSOLUTIONS-QUANTAFOB Datasheet
2Mb / 8P
Remote Control System
logo
Maxim Integrated Produc...
MAXQ617 MAXIM-MAXQ617 Datasheet
943Kb / 29P
Infrared Remote Control System-on-Chip
Rev 0; 12/13
logo
M-System Co.,Ltd.
BA8BM MSYSTEM-BA8BM Datasheet
397Kb / 6P
Remote Control / Supervisory System BA8 Series
logo
Maxim Integrated Produc...
MAXQ616 MAXIM-MAXQ616 Datasheet
41Kb / 2P
Infrared Remote Control System-on-Chip
logo
rfsolutions.ltd
EZTEXT RFSOLUTIONS-EZTEXT Datasheet
1Mb / 9P
GSM Remote Control System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com