Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST4SIM-200M Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST4SIM-200M
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SIM-200M Datasheet(HTML) 4 Page - STMicroelectronics

  ST4SIM-200M Datasheet HTML 1Page - STMicroelectronics ST4SIM-200M Datasheet HTML 2Page - STMicroelectronics ST4SIM-200M Datasheet HTML 3Page - STMicroelectronics ST4SIM-200M Datasheet HTML 4Page - STMicroelectronics ST4SIM-200M Datasheet HTML 5Page - STMicroelectronics ST4SIM-200M Datasheet HTML 6Page - STMicroelectronics ST4SIM-200M Datasheet HTML 7Page - STMicroelectronics ST4SIM-200M Datasheet HTML 8Page - STMicroelectronics ST4SIM-200M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2
Cellular connectivity solutions overview
A cellular connectivity solution enables devices to be used by the edge mobile network operators (also called
MNO) or mobile virtual network operators (MVNO). This solution increases network coverage and it maintains
seamless connectivity.
Moreover, a cellular solution is simple to deploy. This solution is mainly composed of the modem (baseband), the
SIM card connector and the plastic SIM card. This is the traditional SIM concept inherited from the mobile phone.
Figure 1. SIM solution overview
It is also possible to have an embedded SIM (eSIM) solution. In this case, the SIM is soldered directly into the
device. It reduces the board footprint and there is no need for a SIM connector.
Figure 2. eSIM solution overview
These traditional solutions are simple but the SIM / eSIM only supports one cellular connectivity profile at a time
for one network operator. In this case, if the operator needs to be changed, the SIM / eSIM solution must be
changed.
The eSIM GSMA solution extends this traditional SIM / eSIM solution.
ST4SIM-200M
Cellular connectivity solutions overview
DB4082 - Rev 5
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com