Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAP22112SSDFG Datasheet(PDF) 1 Page - ITT Industries

Part # RTAP22112SSDFG
Description  1-4 Poles Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTAP22112SSDFG Datasheet(HTML) 1 Page - ITT Industries

  RTAP22112SSDFG Datasheet HTML 1Page - ITT Industries RTAP22112SSDFG Datasheet HTML 2Page - ITT Industries RTAP22112SSDFG Datasheet HTML 3Page - ITT Industries RTAP22112SSDFG Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L–8
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RTA Series
1–4 Poles Coded Rotary Switches
Features/Benefits
• PCB or hand soldering versions
• Bushing mounting
• Multiple poles
• Decimal and hexadecimal codes
• Screwdriver slot or extended actuator
• RoHS Compliant Lead Free
Typical Applications
• Appliances
• Electronic alarm systems
• Medical
• Building automation
• HVAC air conditioning
Electrical Data
Silver
Gold
SWITCHING MODE:
BBM
BBM
MAX. SWITCHING POWER
5 VA
0.5 VA
MAX. SWITCHING CURRENT:
150 mA
20 mA
MAX. CARRYING CURRENT:
5 A
1 A
NOMINAL VOLTAGE AT 50 Hz
60 V
25 V
CONTACT RESISTANCE:
< 150 m
Ω
< 150 m
Ω
DIELECTRIC STRENGTH AT 50 Hz
BETWEEN CONTACTS AND
GROUND TERMINALS:
500 V r
500 V r
INSULATION RESISTANCE BETWEEN
CONTACTS OR CONTACTS
AND FRAME (500 V =):
109
Ω
109
Ω
NO. OF OPERATIONS:
10,000
10,000
BOUNCE:
< 5 ms
< 5 ms
Environmental Data
OPERATING TEMPERATURE: –20ºC to + 70ºC
–20ºC to + 70ºC
STORAGE TEMPERATURE:
–40ºC to + 85ºC
–40ºC to + 85ºC
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Mechanical Data
MAX. NO. OF BANKS: 1.
OPERATING TORQUE: 5 Ncm±20%.
END STOP TORQUE: < 60 Ncm.
STOP: With/without or adjustable
MOUNTING: By fixed index 9.5 mm (0.374) of center, for bush-
ing mount only
Materials
HOUSING: PETP Thermoplastic
STATIONARY CONTACTS & TERMINALS: Nickel alloy, gold or
silver plated.
ROTOR: Printed circuit, gold or silver plated.
CODING PLATE: PA thermoplastic
ACTUATOR: Polysulfon thermoplastic
BUSHING: Washer: PA. Nut: Brass.
HARDWARE: Stop pin: Aluminum. Ball & Spring: Stainless steel.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L-9 thru L-11. For additional options not shown in catalog, consult Customer Service Center.
Designation
RTAP With PC Thru-Hole
RTAC With solder lugs
Indexing
22.5 22.5 index (coded only)
30
30° index (12 positions max.)
36
36° index (10 positions max.)
Switch Function
112S
SP, 30° Index, 12 pos. no stop
110S
SP, 36° Index, 10 pos. no stop
103B03 SP, 30° /36° Index, 3 pos.
106B06 SP, 30° /36° Index, 6 pos.
109B09 SP, 30° /36° Index, 9 pos.
110B10 SP, 30° /36° Index, 10 pos.
111B11 SP, 30° Index, 11 pos.
112B12 SP, 30° Index, 12 pos.
205S
DP, 36° Index, 5 pos. no stop
206S
DP, 30° Index, 6 pos. no stop
202B02 DP, 30° /36° Index, 2 pos.
204B04 DP, 30° /36° Index, 4 pos.
205B05 DP, 30° /36° Index, 5 pos.
206B06 DP, 30° Index, 6 pos.
303B03 3P, 30° /36° Index, 3 pos.
402B02 4P, 30° /36° Index, 2 pos.
BCS Direct + complement, 30° /36° Index, no stop
BS
Direct, 22.5° Index, no stop
BCB Direct + complement, with stop (indicate position)
BB
Direct, 22.5° Index, with stop (indicate position)
Contact Material
S Silver plated
G Gold plated
Actuator (max.)
25
.984 (25,0)
50
1.97 (50,0)
F
Screwdriver slot
M25 Flat shaft, .984 (25,0)
Mounting Style
SD Without bushing
AD With bushing
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.


Similar Part No. - RTAP22112SSDFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTAP1W122W25N CK-COMPONENTS-RTAP1W122W25N Datasheet
457Kb / 5P
1?? Poles Coded Rotary Switches
RTAP1W122W25NS CK-COMPONENTS-RTAP1W122W25NS Datasheet
457Kb / 5P
1?? Poles Coded Rotary Switches
RTAP1W12W25NS CK-COMPONENTS-RTAP1W12W25NS Datasheet
457Kb / 5P
1?? Poles Coded Rotary Switches
More results

Similar Description - RTAP22112SSDFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTA CK-COMPONENTS-RTA Datasheet
457Kb / 5P
1?? Poles Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
ROTARY CODED SWITCHES
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
logo
C&K Components
RTA CK-COMPONENTS-RTA_V01 Datasheet
1Mb / 5P
1–4 Poles Coded Rotary Switches
RTA CK-COMPONENTS-RTA_V02 Datasheet
766Kb / 5P
1–4 Poles Coded Rotary Switches
16 May 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com