Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAAP Datasheet(PDF) 14 Page - Linear Technology

Part # LAAP
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LAAP Datasheet(HTML) 14 Page - Linear Technology

Back Button LAAP Datasheet HTML 10Page - Linear Technology LAAP Datasheet HTML 11Page - Linear Technology LAAP Datasheet HTML 12Page - Linear Technology LAAP Datasheet HTML 13Page - Linear Technology LAAP Datasheet HTML 14Page - Linear Technology LAAP Datasheet HTML 15Page - Linear Technology LAAP Datasheet HTML 16Page - Linear Technology LAAP Datasheet HTML 17Page - Linear Technology LAAP Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT6202/LT6203/LT6204
14
620234fa
200ns/DIV
0V
5V
VS = 5V, 0V
AV = 1
RL = 1k
LT6202/03/04 G38
200ns/DIV
0V
5V
–5V
VS = ±5V
AV = 1
RL = 1k
LT6202/03/04 G40
200ns/DIV
0V
0V
VS = 5V, 0V
AV = 2
LT6202/03/04 G41
200ns/DIV
0V
VS = 5V, 0V
AV = 1
RL = 1k
LT6202/03/04 G39
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
5V Large-Signal Response
5V Small-Signal Response
±5V Large-Signal Response
Output-Overdrive Recovery
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
10k
–100
–60
–50
–40
100k
1M
10M
LT6202/03/04 G35
–70
–80
–90
AV = 1
VS = ±5V
VOUT = 2V(P-P)
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 3RD
RL = 1k, 2ND
FREQUENCY (Hz)
10k
–100
–60
–50
–40
100k
1M
10M
LT6202/03/04 G36
–70
–80
–90
AV = 2
VS = ±2.5V
VOUT = 2V(P-P)
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 3RD
–30
RL = 1k, 2ND
FREQUENCY (Hz)
10k
–100
–60
–50
–40
100k
1M
10M
LT6202/03/04 G37
–70
–80
–90
AV = 2
VS = ±5V
VOUT = 2V(P-P)
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 3RD
RL = 1k, 2ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com