Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M809 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M809
Description  Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M809 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M809 Datasheet HTML 2Page - STMicroelectronics M809 Datasheet HTML 3Page - STMicroelectronics M809 Datasheet HTML 4Page - STMicroelectronics M809 Datasheet HTML 5Page - STMicroelectronics M809 Datasheet HTML 6Page - STMicroelectronics M809 Datasheet HTML 7Page - STMicroelectronics M809 Datasheet HTML 8Page - STMicroelectronics M809 Datasheet HTML 9Page - STMicroelectronics M809 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Principles of Operation and Application Tips
TSM1014
7/10
5.5 Voltage clamp
The following schematic shows how to realize a low-cost power supply for the TSM1014 (with no
additional windings).Please pay attention to the fact that in the particular case presented here, this low-
cost power supply can reach voltages as high as twice the voltage of the regulated line. Since the
Absolute Maximum Rating of the TSM1014 supply voltage is 28V. In the aim to protect he TSM1014
against such how voltage values a internal zener clamp is integrated.
Figure 4: Clamp voltage
Figure 5: Voltage controller and over current detection schematic
R
limit
V
cc
V
z
–
() I
vz
⋅
=
Vz
28V
Vcc
Rlimit
Vcc
Ivz
TSM1014
D
R2
R1
Rsense
Rvc1
22K
Cvc1
2.2nF
Ric1
22K
CV
To primary
OUT+
OUT-
+
Cic1
2.2nF
IL
Ric2
1K
R5
10K
R4
100K
R3
1k
IL
Vsense
+
OCP
R6
1K
28V
Vcc
Cv-
CV Out
Gnd
Cc-
Cc+
Vref
1
4
5
3
7
CV
CC
CC Out



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com