Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2GDF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SF2GDF
Description  2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF2GDF Datasheet(HTML) 2 Page - Diodes Incorporated

  SF2GDF Datasheet HTML 1Page - Diodes Incorporated SF2GDF Datasheet HTML 2Page - Diodes Incorporated SF2GDF Datasheet HTML 3Page - Diodes Incorporated SF2GDF Datasheet HTML 4Page - Diodes Incorporated SF2GDF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF2DDF-SF2JDF
Document number: DS38060 Rev. 6 - 2
2 of 5
www.diodes.com
January 2019
© Diodes Incorporated
SF2DDF-SF2JDF
Maximum Ratings and Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF2DDF
SF2GDF
SF2JDF
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
400
600
V
Average Rectified Output Current @TT = +88°C (Note 5)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Maximum Instantaneous Forward Voltage @ IF = 2A
VF
1.1
1.3
1.7
V
Maximum DC Reverse Current @ TA = +25°C
at Rated DC Blocking Voltage @ TA = +100°C (Note 7)
IR
5
100
µA
Typical Total Capacitance (Note 8)
CT
50
pF
Maximum Reverse Recovery Time (Note 9)
tRR
35
ns
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Terminal (Note 6)
RϴJT
30
°C/W
Typical Thermal Resistance Junction to Ambient (Note 6)
RϴJA
56
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5.Device mounted on FR-4 substrate, 1" × 1", 2oz, single-sided, PCBs with 0.1" × 0.15" copper pad.
6. Device mounted on FR-4 substrate, 0.4" × 0.5", 2oz, single-sided, PCBs with 0.2" × 0.25" copper pad.
7. Short duration pulse test used to minimize self-heating effect.
8. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
9. Measured with IF=0.5A, IR=1A, IRR=0.25A.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com