| Electronic Components Datasheet Search |
|
CS3455 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS3455 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation |
|
2 / 2 page ![]() 6290 Sequence Drive • San Diego, CA 92121 • Tel: 858 450-9333 • Fax: 858 450-9885 • http://www.amcc.com Distribute only on a need-to-know basis, and subject to applicable NDA. Not to be disclosed to or used by any other person without prior authorization. Product Brief S3455 SONET/SDH/ATM OC-48 4-Bit Transceiver with CDR PB2022_v1.01_08/23/05 2 Empowering Intelligent Optical Networks Confidential and Proprietary AMCC reserves the right to make changes to its products, its datasheets, or related documentation, without notice and warrants its produts solely pursuant to its terms and conditions of sale, only to sustantially comply with the latest available datasheet. Please consult AMCC’s Term and Con- ditions of Sale for its warranties and other terms, conditions and limitations. AMCC may discontinue any semiconductor product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information is current. AMCC does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. AMCC reserves the right to ship devices of higher grade in place of those of lower grade. AMCC SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS OR OTHER CRITICAL APPLICATIONS. AMCC is a registered Trademark of Applied Micro Circuits Corporation. Copyright © 2005 Applied Micro Circuits Corporation. The S3455 is divided into a transmitter section and a receiver section. The sequence of operations is as follows: Transmitter Operations 1. 4-bit parallel input 2. Parallel-to-serial conversion 3. Serial output Receiver Operations For One Channel 1. Clock and data recovery from serial input 2. Serial-to-parallel conversion 3. 4-bit parallel output Internal clocking and control functions are transparent to the user. Applications • Wavelength Division Multiplexing (WDM) equipment • SONET/SDH-based transmission systems • SONET/SDH modules • SONET/SDH test equipment • ATM over SONET/SDH • Section repeaters • Add Drop Multiplexers (ADM) • Broad-band cross-connects • Fiber optic terminators • Fiber optic test equipment Figure 2. S3455 Ordering Information Prefix Package Device S – Integrated Circuit 3455 PB - 196PBGA X XXXX XX Prefix Device Package (S3455 PB) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |