Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DB52P Datasheet(PDF) 11 Page - ITT Industries

Part # 2DB52P
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DB52P Datasheet(HTML) 11 Page - ITT Industries

Back Button 2DB52P Datasheet HTML 3Page - ITT Industries 2DB52P Datasheet HTML 4Page - ITT Industries 2DB52P Datasheet HTML 5Page - ITT Industries 2DB52P Datasheet HTML 6Page - ITT Industries 2DB52P Datasheet HTML 7Page - ITT Industries 2DB52P Datasheet HTML 8Page - ITT Industries 2DB52P Datasheet HTML 9Page - ITT Industries 2DB52P Datasheet HTML 10Page - ITT Industries 2DB52P Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
69
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
The Centi Line - .075" Contact Spacing
2D/CTA
CTA Assembly Instructions
.275 (6.98)
MAX.
.475 (12.06)
MAX.
INSERTION
Guide Posts
Polarizing Posts
1. Place the connector into the slot in the assembly block
with the arrows on the insulator pointing downward. The
connector will bottom against the internal shoulder in the
groove in the assembly block. Start contact insertion by
placing the crimped contact in the cavity by hard.
3. With firm steady pressure, push the contact into the
cavity until the resilient internal shoulder snaps into the
locking groove in the contact. To prevent over insertion,
the tool tip bottoms against the rear of the insulator.
4. The guide post and polarizing posts are inserted in teh
same manner as the contacts. The guide posts are inserted
into the socket insulator, and the polarizing posts are
inserted into the pin insulartor. The corresponding contact
in the mating insulator must be removed for each.
2. Position the insertion tool tip on the rear of contact as
shown. The insulation must be pulled back from the crimp
pot approximately 1/32" to allow the tool tip to butt
against the contact crimp pot.
EXTRACTION
1. To extract the contacts, place the conector face up in
the assembly block so that the contact to be extracted is
in the end of the block that has a fully slotted opening.
2. The pin extraction tool tip is tubular, slides over the pin
bundle and butts against the front shoulder of the pin. The
socket extraction tool is a solid rod that fits into the socket
contact, the external shoulder butts against the contact
socket shoulder.
3. Insert the extraction tool into the cavity and apply firm
pressure until the contact is pushed thru the rear of the
connector.
4. Lift the insulator from the groove and pull the contact
out. Repeat for balance of contacts to be removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com