Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP100P06PLG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP100P06PLG
Description  -60V-100AP-channel Power MOS FET Application : Automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP100P06PLG Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP100P06PLG Datasheet HTML 1Page - Renesas Technology Corp NP100P06PLG Datasheet HTML 2Page - Renesas Technology Corp NP100P06PLG Datasheet HTML 3Page - Renesas Technology Corp NP100P06PLG Datasheet HTML 4Page - Renesas Technology Corp NP100P06PLG Datasheet HTML 5Page - Renesas Technology Corp NP100P06PLG Datasheet HTML 6Page - Renesas Technology Corp NP100P06PLG Datasheet HTML 7Page - Renesas Technology Corp NP100P06PLG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NP100P06PLG
R07DS1522EJ0100 Rev.1.00
Page 2 of 7
Jun.24.2022
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-c) Notes3
0.75
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-a) Notes3
83.3
°C/W
Electrical Characteristics
(Ta=25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
-10
A
VDS = -60 V, VGS = 0 V
Gate Leakage Current
IGSS
10
A
VGS =  20 V, VDS = 0 V
Gate to Source Threshold Voltage
VGS(th)
-1.0
-1.6
-2.5
V
VDS = -10 V, ID = -1 mA
Forward Transfer Admittance
| yfs | Notes4
43
86
S
VDS = -10 V, ID = -50 A
Drain to Source On-state Resistance
RDS(on)1 Notes4
4.4
6.0
m
VGS = -10 V, ID = -50 A
RDS(on)2 Notes4
5.0
7.8
m
VGS = -4.5 V, ID = -50 A
Input Capacitance
Ciss
15000
pF
VDS = -10 V
VGS = 0 V
f = 1 MHz
Output Capacitance
Coss
1810
pF
Reverse Transfer Capacitance
Crss
840
pF
Turn-on Delay Time
td(on)
28
ns
VDD = -30 V
ID = -50 A
VGS = -10 V
RG = 0
Rise Time
tr
35
ns
Turn-off Delay Time
td(off)
275
ns
Fall Time
tf
100
ns
Total Gate Charge
Qg
300
nC
VDD = -48 V
VGS = -10 V
ID = -100A
Gate to Source Charge
Qgs
35
nC
Gate to Drain Charge
Qgd
85
nC
Body Diode Forward Voltage
VF(S-D) Notes4
0.92
1.5
V
IF = -100 A, VGS = 0 V
Reverse Recovery Time
trr
70
ns
IF = -100 A, VGS = 0 V
di/dt = -100 A/
s
Reverse Recovery Charge
Qrr
135
nC
Notes 3. Designed target value on Renesas measurement condition. Not subject to production test.
4. Pulse test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com