Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1808X393DGGALTU Datasheet(PDF) 13 Page - Kemet Corporation

Part # C1808X393DGGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1808X393DGGALTU Datasheet(HTML) 13 Page - Kemet Corporation

Back Button C1808X393DGGALTU Datasheet HTML 9Page - Kemet Corporation C1808X393DGGALTU Datasheet HTML 10Page - Kemet Corporation C1808X393DGGALTU Datasheet HTML 11Page - Kemet Corporation C1808X393DGGALTU Datasheet HTML 12Page - Kemet Corporation C1808X393DGGALTU Datasheet HTML 13Page - Kemet Corporation C1808X393DGGALTU Datasheet HTML 14Page - Kemet Corporation C1808X393DGGALTU Datasheet HTML 15Page - Kemet Corporation C1808X393DGGALTU Datasheet HTML 16Page - Kemet Corporation C1808X393DGGALTU Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1070_C0G_HV_FT-CAP_SMD • 2/28/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions cont.
Stress
Reference
Test Condition
Limits
Dielectric
Withstanding
Voltage (DWV)
KEMET Internal
See Dielectric Withstanding Voltage (DWV) Table
(5 ±1 seconds and charge/discharge not exceeding 50 mA)
EIA
Case
Size
500 V
630 V
≥ 1,000 V
0603
150%
of rated
voltage
130% of rated voltage
120% of
rated voltage
0805
< 620pF 150% of rated voltage
≥ 620pF 130% of rated voltage
1206
< 5.1nF 150% of rated voltage
≥ 5.1nF 130% of rated voltage
1210
< 7.5nF 150% of rated voltage
≥ 7.5nF 130% of rated voltage
1808
< 5.1nF 150% of rated voltage
≥ 5.1nF 130% of rated voltage
1812
< 12nF 150% of rated voltage
≥ 12nF 130% of rated voltage
1825
< 22nF 150% of rated voltage
≥ 22nF 130% of rated voltage
2220
< 27nF 150% of rated voltage
≥ 27nF 130% of rated voltage
2225
< 33nF 150% of rated voltage
≥ 33nF 130% of rated voltage
Cap: Initial Limit
DF: Initial Limit
IR: Initial Limit
Withstand test voltage without
insulation breakdown or damage.
Aging Rate
(Maximum %
Capacitance
Loss/Decade Hour)
KEMET Internal
Maximum % capacitance loss/decade hour
0% Loss/Decade Hour
Terminal
Strength
KEMET Internal
Shear stress test per specific case size,
Time: 60 ±1 second.
No evidence of mechanical damage
Case Size
Force
0603
5N
0805
9N
≥ 1206
18N
Board Flex
AEC-Q200-005
Standard Termination
System 2.0 mm
Flexible Termination
System 3.0 mm
Test Time: 60 ±5 seconds
Ramp Time: 1 mm/second
No evidence of mechanical damage
Solderability
J-STD-002
Condition: 4 hours ± 15 minutes at 155°C dry bake
apply all methods
Test 245 ±5°C (SnPb & Pb-Free)
Visual Inspection. 95% coverage on
termination. No leaching
Temperature
Cycling
JESD22
Method JA-104
1,000 cycles (−55°C to +125°C)
2 – 3 cycles per hour
Soak Time 1 or 5 minutes
Measurement at 24 hours ±4 hours
after test conclusion.
Cap: Initial Limit
DF: Initial Limit
IR: Initial Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com