Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6572 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 9Page - STMicroelectronics L6572 Datasheet HTML 10Page - STMicroelectronics L6572 Datasheet HTML 11Page - STMicroelectronics L6572 Datasheet HTML 12Page - STMicroelectronics L6572 Datasheet HTML 13Page - STMicroelectronics L6572 Datasheet HTML 14Page - STMicroelectronics L6572 Datasheet HTML 15Page - STMicroelectronics L6572 Datasheet HTML 16Page - STMicroelectronics L6572 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
L6572
Functional description
Doc ID 023882 Rev 1
13/22
5.9
Undervoltage lockout
After the turn-on of the ballast, the UVLO is activated until the supply voltage exceeds the
specified turn-on threshold voltage VSUVP.
While loading the blocking capacitor after power on, the low-side transistor has to be turned
on to charge the bootstrap capacitor before the high-side transistor is switched on the first
time.
When the supply voltage falls below the VSUVN threshold the device waits for the condition
"activated LVG and deactivated HVG". The UVLO is activated with a delay time of 1.3
μs
after this condition comes true.
Moreover, a logic UVLO is activated in order to restart the device with the preheating phase
when no resonant current is sensed in a period of tdisc.
During the logic UVLO, all logic blocks of the device are reset, but the current references
and internal regulators are still on.
5.10
Voltage reference
The voltage reference delivers a reference signal with a very small tolerance (band gap).
5.11
Ignition recognition
This unit is activated at the beginning of the ignition phase (see Figure 6). It provides a
synchronization pulse to the clock generator every time either the current control units are
triggered by the signal processing unit or ZVS control turns on the relevant transistor. Being
the half of the clock frequency programmed to be lower than resonance frequency, the clock
period during the ignition phase is forced to be shorter than the programmed one.
Once the lamp ignites the integral of the operating current, it takes longer time to reach the
rated value and the clock period reaches the programmed value.
In this case, the ignition phase is terminated, the ignition recognition unit is deactivated and
the rated resonant current is set on the powerboost level.
On the contrary, the end of ignition is not detected and both the half-bridge and the clock
remain locked to resonance frequency by ZVS control unit.
5.12
Clock generator
This high frequency oscillator provides with time bases for the IC during the various
operating phases.
During the preheating phase it delivers a fixed time base for the counter. At the beginning of
the ignition phase when the ignition recognition unit is active, the oscillator is synchronized
with the output stage. Therefore the timing element of the oscillator is reset with the
frequency of the output stage. If one half cycle, of period time of the output stage given by
the current regulator exceeds the fixed period time of the clock generator, a trigger signal is
formed and given to the output stage and the counter. This leads to a defined termination of
the ignition phase. After setting the rated resonant current to the powerboost level, the clock
generator continues in a self-oscillating way until it is stopped by the counter at the end of
the powerboost phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com