Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7540 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 10Page - STMicroelectronics ST7540 Datasheet HTML 11Page - STMicroelectronics ST7540 Datasheet HTML 12Page - STMicroelectronics ST7540 Datasheet HTML 13Page - STMicroelectronics ST7540 Datasheet HTML 14Page - STMicroelectronics ST7540 Datasheet HTML 15Page - STMicroelectronics ST7540 Datasheet HTML 16Page - STMicroelectronics ST7540 Datasheet HTML 17Page - STMicroelectronics ST7540 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Electrical characteristics
ST7540
14/44
Figure 3.
PLI configuration for PA_OUT distortions measurement
Serial Interface
TB
Baud rate Bit Time
(1/BAUD)
Control register bit 3
and bit 4
(See Figure 13)
1667
833
417
208
µs
Ts
Setup time
see Figures 8, 9, 10, 11
& 12
5ns
TH
Hold time
see Figures 8, 9, 10, 11
& 12
2ns
TCR
CLR/T vs. REG_DATA
or RxTx
see Figures 8, 9, 10, 11
& 12
TB/4
TCC
CLR/T vs. CLR/T
see Figures 8, 9, 10, 11
& 12
TB
2*TB
TDS
Setup time
see Figures 8, 9, 10, 11
& 12
TB/4
TB/2
TDH
Hold time
see Figures 8, 9, 10, 11
& 12
TB/4
TB/2
TCRP
TH
TB/2
1.
Not tested, guaranteed by design
Table 5. Electrical characteristics (continued)
( VDD = +5V, VCC =+9 V, VSS = SVSS = GND = 0V,-40°C ≤TA ≤85°C, TJ < 125°C,
unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vcc
10 k
Ω
2.7 k
Ω
5 k
Ω
150 pF
100 pF
1uF
30
Ω
PA
PA_OUT
PA_IN -
PA_IN +
Measurement point
Vss
V
AC= 2Vpp
V
DC= 1.9 V
D03IN1426



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com