Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL072AI Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL072AI
Description  LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072AI Datasheet(HTML) 1 Page - STMicroelectronics

  TL072AI Datasheet HTML 1Page - STMicroelectronics TL072AI Datasheet HTML 2Page - STMicroelectronics TL072AI Datasheet HTML 3Page - STMicroelectronics TL072AI Datasheet HTML 4Page - STMicroelectronics TL072AI Datasheet HTML 5Page - STMicroelectronics TL072AI Datasheet HTML 6Page - STMicroelectronics TL072AI Datasheet HTML 7Page - STMicroelectronics TL072AI Datasheet HTML 8Page - STMicroelectronics TL072AI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
®
.
WIDE COMMON-MODE (UP TO VCC
+)AND
DIFFERENTIAL VOLTAGE RANGE
.
LOW INPUT BIAS AND OFFSET CURRENT
.
LOW NOISE en = 15nV/
√Hz (typ)
.
OUTPUT SHORT-CIRCUIT PROTECTION
.
HIGH INPUT IMPEDANCE J–FET INPUT
STAGE
.
LOW HARMONIC DISTORTION : 0.01% (typ)
.
INTERNAL FREQUENCY COMPENSATION
.
LATCH UP FREE OPERATION
.
HIGH SLEW RATE : 16V/
µs (typ)
N
DIP8
(Plastic Package)
1
2
3
45
6
7
8
-
+
-
+
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4- VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8- VCC
+
PIN CONNECTIONS (top view)
DESCRIPTION
The TL072, TL072A and TL072B are high speed
J–FET input dual operational amplifiers incorporating
well matched, high voltage J–FET and bipolar transis-
tors in a monolithic integrated circuit.
The devices featurehigh slew rates, low input bias and
offset current, and low offset voltage temperature
coefficient.
TL072
TL072A - TL072B
December 1998
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature
Range
Package
ND
TL072M/AM/BM
–55
oC, +125oC
••
TL072I/AI/BI
–40
oC, +105oC
••
TL072C/AC/BC
0
oC, +70oC
••
Example : TL072CN
1/9


Similar Part No. - TL072AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL072AID STMICROELECTRONICS-TL072AID Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
TL072AID STMICROELECTRONICS-TL072AID Datasheet
323Kb / 16P
Low noise JFET dual operational amplifiers
04-Jul-2012
TL072AIDT STMICROELECTRONICS-TL072AIDT Datasheet
323Kb / 16P
Low noise JFET dual operational amplifiers
04-Jul-2012
TL072AIN STMICROELECTRONICS-TL072AIN Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
TL072AIN STMICROELECTRONICS-TL072AIN Datasheet
323Kb / 16P
Low noise JFET dual operational amplifiers
04-Jul-2012
More results

Similar Description - TL072AI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Dec-1998
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Mitsubishi Electric Sem...
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062_07 Datasheet
259Kb / 14P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
27-Jul-2007
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Mar-2001
TL072 STMICROELECTRONICS-TL072_07 Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
LR074 LRC-LR074 Datasheet
991Kb / 5P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com