Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C652EBAA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P80C652EBAA
Description  CMOS single-chip 8-bit microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652EBAA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P80C652EBAA Datasheet HTML 5Page - NXP Semiconductors P80C652EBAA Datasheet HTML 6Page - NXP Semiconductors P80C652EBAA Datasheet HTML 7Page - NXP Semiconductors P80C652EBAA Datasheet HTML 8Page - NXP Semiconductors P80C652EBAA Datasheet HTML 9Page - NXP Semiconductors P80C652EBAA Datasheet HTML 10Page - NXP Semiconductors P80C652EBAA Datasheet HTML 11Page - NXP Semiconductors P80C652EBAA Datasheet HTML 12Page - NXP Semiconductors P80C652EBAA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Philips Semiconductors
Product specification
83C654
CMOS single-chip 8-bit microcontroller
1998 Jan 06
9
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to + 6.0
V
Input, output current on any single pin
±5
mA
Power dissipation
(based on package heat transfer limitations, not device power consumption)
1
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
DEVICE SPECIFICATIONS
TYPE
SUPPLY VOLTAGE (V)
FREQUENCY (MHz)
TEMPERATURE RANGE (
°C)
TYPE
MIN.
MAX.
MIN.
MAX.
TEMPERATURE RANGE (
°C)
P83C654EBx
4.5
5.5
3.5
16
0 to +70
P83C654EFx
4.5
5.5
3.5
16
–40 to +85
P83C654FHx
4.5
5.5
3.5
16
–40 to +125
P83C654IBx
4.5
5.5
3.5
24
0 to +70
P83C654IFx
4.5
5.5
3.5
24
–40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com