Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVLED101TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 9Page - STMicroelectronics HVLED101TR Datasheet HTML 10Page - STMicroelectronics HVLED101TR Datasheet HTML 11Page - STMicroelectronics HVLED101TR Datasheet HTML 12Page - STMicroelectronics HVLED101TR Datasheet HTML 13Page - STMicroelectronics HVLED101TR Datasheet HTML 14Page - STMicroelectronics HVLED101TR Datasheet HTML 15Page - STMicroelectronics HVLED101TR Datasheet HTML 16Page - STMicroelectronics HVLED101TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
6
Application information
6.1
Typical application
The HVLED101 high power factor flyback controller is suitable to operate either as a single-stage high power
factor (HPF) flyback controller or as a DC/DC flyback controller in a two-stage application with front-end PFC
converter. The control can be primary side (PSR) or secondary side (SSR). Application schematics of the two
control types are reported in Figure 2 and Figure 3.
6.2
Operating modes
The IC presents various operating modes, described in the following sections. Figure 5 shows the operation
during initial startup phase.
Figure 5. Initial startup phase
VHVSU
VCC-ON
ICHG-H
ICHG-L
VHV-START
ICC
ICC-START-UP
Start-up
Ramp-up
Low Cons.
ICC-LC
ICHG
VCC
ICC
VFLT-ON
FAULT
switching
activity
OPTO
VZCD S&H
PROG
Reading
VBM
VUVP
VCS-RU
FB, VL
Active mode
VCC-LOW
6.2.1
Startup phase
As soon as HVSU pin voltage reaches VHV-START, the high-voltage startup unit is turned on to charge the VCC
capacitor.
The charging current is limited to ICHG-L until VCC voltage reaches VCC-LOW threshold, and then it is toggled to a
higher charging current (ICHG-H) to minimize the startup time.
Once the VCC reaches VCC-ON threshold, the DLY/CFG pin is read to set the configuration of input voltage
protections and input voltage range.
HVLED101
Application information
DS14143 - Rev 2
page 13/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com