Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFPC311 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 16Page - STMicroelectronics STFPC311 Datasheet HTML 17Page - STMicroelectronics STFPC311 Datasheet HTML 18Page - STMicroelectronics STFPC311 Datasheet HTML 19Page - STMicroelectronics STFPC311 Datasheet HTML 20Page - STMicroelectronics STFPC311 Datasheet HTML 21Page - STMicroelectronics STFPC311 Datasheet HTML 22Page - STMicroelectronics STFPC311 Datasheet HTML 23Page - STMicroelectronics STFPC311 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
6 Commands
STFPC311
20/39
When the application is powered-up, the normal operation mode and address increment mode
is set with the default display memory address set to 00H. In the auto-increment address mode,
the address command is sent once, followed by the data bytes.
Alternatively, the data command can be sent, followed by the data bytes. In this case, when new
display data is to be written, the last value of the address will be used and then incremented.
Upon reaching the last display memory address, the address jumps to 00H.
For fixed address mode, the address command has to be sent, followed by the display data.
When next byte of data is to be written, the address command has to be sent again before the
new display data byte.
For RC-5 data reception (after the photodiode), a binary 1 is represented by a high-to-low
transition, and a binary 0 is represented by a low-to-high transition. For RC-6 (Mode 0) data
reception, a binary 1 is represented by a low-to-high transition, and a binary 0 is represented by
a high-to-low transition. Whenever Bit 5 is a ‘1’, the watchdog timer is reset.
6.3
Address setting command
This command sets an address of the display memory. If address 30H or higher is set, the data
is ignored until a correct address is set.
Figure 16. STFPC311 Address Setting Command Order
6.4
Display control and hotkey setting command
When the application is powered-up, the 1/16-pulse width is set and the display is turned OFF.
See Figure 17 and Figure 4. All hot keys are disabled.
Figure 17. STFPC311 Display control and hot key setting command order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com