Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5EC3EARCH-RM/D Datasheet(PDF) 61 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 57Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 58Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 59Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 60Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 61Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 62Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 63Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 64Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 114 page
background image
Signals Grouped by Pin Number
61
03
J7
TD24
J15
VDD
J23
MD87
J8
TD25
J16
GND
J24
GND
K 1-27
K1
TD26
K9
GND
K17
GND
K25
MD79
K2
GND
K10
VDD
K18
VDD
K26
GND
K3
TD27
K11
GND
K19
GND
K27
MD78
K4
TD28
K12
VDD
K20
MD83
K5
TD29
K13
GND
K21
MD82
K6
VDDT
K14
VDD
K22
VDD33
K7
TD30
K15
GND
K23
MD81
K8
TD31
K16
VDD
K24
MD80
L 1-27
L1
TD32
L9
VDDT
L17
VDD
L25
MD72
L2
TD33
L10
GND
L18
GND
L26
MD71
L3
TD34
L11
VDD
L19
VDD33
L27
MD70
L4
TD35
L12
GND
L20
MD77
L5
TD36
L13
VDD
L21
MD76
L6
TD37
L14
GND
L22
MD75
L7
TD38
L15
VDD
L23
MD74
L8
TD39
L16
GND
L24
MD73
M 1-27
M1
TD40
M9
GND
M17
GND
M25
MD65
M2
TD41
M10
VDD
M18
VDD
M26
MD64
M3
TD42
M11
GND
M19
GND
M27
MD63
M4
VDDT
M12
VDD
M20
MD69
M5
TD43
M13
GND
M21
MD68
M6
TD44
M14
VDD
M22
MD67
M7
TD45
M15
GND
M23
MD66
Table 28 Signals Listed by Pin Number (continued)
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com