Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM111FKB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM111FKB
Description  DIFFERENTIAL COMPARATORS WITH STROBES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM111FKB Datasheet(HTML) 2 Page - Texas Instruments

  LM111FKB Datasheet HTML 1Page - Texas Instruments LM111FKB Datasheet HTML 2Page - Texas Instruments LM111FKB Datasheet HTML 3Page - Texas Instruments LM111FKB Datasheet HTML 4Page - Texas Instruments LM111FKB Datasheet HTML 5Page - Texas Instruments LM111FKB Datasheet HTML 6Page - Texas Instruments LM111FKB Datasheet HTML 7Page - Texas Instruments LM111FKB Datasheet HTML 8Page - Texas Instruments LM111FKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H – SEPTEMBER 1973 – REVISED AUGUST 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information
ORDERING INFORMATION
TA
VIO max
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–0 C to 70 C
7.5 mV
PDIP (P)
Tube of 50
LM311P
LM311P
–0 C to 70 C
7.5 mV
SOIC (D)
Tube of 75
LM311D
LM311
–0
°C to 70°C
7.5 mV
SOIC (D)
Reel of 2500
LM311DR
LM311
–0
°C to 70°C
7.5 mV
SOP (PS)
Reel of 2000
LM311PSR
L311
TSSOP (PW)
Reel of 150
LM311PW
L311
TSSOP (PW)
Tube of 2000
LM311PWR
L311
–40 C to 85 C
3 mV
PDIP (P)
Tube of 50
LM211P
LM211P
–40 C to 85 C
3 mV
SOIC (D)
Tube of 75
LM211D
LM211
–40
°C to 85°C
3 mV
SOIC (D)
Reel of 2500
LM211DR
LM211
TSSOP (PW)
Reel of 150
LM211PW
L211
TSSOP (PW)
Reel of 2000
LM211PWR
L211
–40
°C to 125°C
3 mV
SOIC (D)
Tube of 75
LM211QD
LM211Q
–40
°C to 125°C
3 mV
SOIC (D)
Reel of 2500
LM211QDR
LM211Q
–55
°C to 125°C
3 mV
CDIP (JG)
Tube of 50
LM111JG
LM111JG
–55
°C to 125°C
3 mV
LCCC (FK)
Tube of 55
LM111FK
LM111FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
functional block diagram
BAL/STRB
COL OUT
IN–
IN+
BALANCE
EMIT OUT
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com