Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT90TPHCSDC18VCB2.2 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT90TPHCSDC18VCB2.2
Description  Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90TPHCSDC18VCB2.2 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT90TPHCSDC18VCB2.2 Datasheet HTML 1Page - DB Lectro Inc NT90TPHCSDC18VCB2.2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
NT90TP H A S DC12V C B 0.9
Coil power consumption:0.6:0.6W, 0.9:0.9W, 2:2VA
Resist heat class :B:130 ºC, F:155ºC
Contact material :Nil:AgžSnO
2žIn2O3 , C:AgžCdO, S:Ag žSnO2
Coil rated Voltage
DC:3V, 5V, 6V, 9V, 12V, 15V, 18V, 24V, 48V, 110V
AC:12V, 24V, 110V, 120V, 220V
S:Sealed type, D:Dust Cover, E:Covered , O:Open type
Contact Arrangement :A:1A, B:1B, C:1C
H:30A, NL:40A, Heavy load
Part number:NT90TP (T92)
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
NT90TP(T92)
Dimensions
Wiring diagram
mm
inch
0.5
0.020
0.8
0.031
2.8
0.110
3.6
0.142
4.7
0.185
6.4
0.252
27
1.063
28.5
1.122
32.4
1.275
43.5
1.713
50
1.969
.
80
DB LECTRO INC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com