Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA Datasheet(PDF) 7 Page - STMicroelectronics

Part # SMTPA
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTPA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SMTPA Datasheet HTML 2Page - STMicroelectronics SMTPA Datasheet HTML 3Page - STMicroelectronics SMTPA Datasheet HTML 4Page - STMicroelectronics SMTPA Datasheet HTML 5Page - STMicroelectronics SMTPA Datasheet HTML 6Page - STMicroelectronics SMTPA Datasheet HTML 7Page - STMicroelectronics SMTPA Datasheet HTML 8Page - STMicroelectronics SMTPA Datasheet HTML 9Page - STMicroelectronics SMTPA Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SMP50 / SMTPA / TPA
7/10
Figure 13: Ordering Information Scheme
Figure 14: SMA Package Mechanical
Data
Figure 15: Foot Print Dimensions (in millimeters)
SMP
50
-
xxx
Series
Repetitive Peak Pulse Current
Voltage
SMP = Trisil surface mount in SMA
SMTP = Trisil surface mount in SMB
TP = Trisil in DO-15
A or 50 = 50A
62 = 62V
E
C
L
E1
D
A1
A2
b
1.45
2.40
1.65
1.45
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.03
0.075
0.080
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.41
0.006
0.016
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
D
2.25
2.95
0.089
0.116
L
0.75
1.60
0.030
0.063



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com