| Electronic Components Datasheet Search |
|
LM158D Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM158D Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 16 page ![]() Electrical Characteristics LM158-LM258-LM358-LM158A-LM258A-LM358A 6/16 VOPP Output Voltage Swing (RL = 2kΩ) Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 0 0 VCC + - 1.5 VCC + -2 0 0 VCC + - 1.5 VCC + -2 VOH High Level Output Voltage (VCC + = 30V) Tamb = +25°CRL = 2kΩ Tmin ≤ Tamb ≤ Tmax Tamb = +25°CRL = 10kΩ Tmin ≤ Tamb ≤ Tmax 26 26 27 27 27 28 26 26 27 27 27 28 V VOL Low Level Output Voltage (RL = 10kΩ) Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 520 20 520 20 mV SR Slew Rate VCC = 15V, Vi = 0.5 to 3V, RL = 2kΩ, CL = 100pF, unity Gain 0.3 0.6 0.3 0.6 V/ µs GBP Gain Bandwidth Product VCC = 30V, f =100kHz,Vin = 10mV, RL = 2kΩ, CL = 100pF 0.7 1.1 0.7 1.1 MHz THD Total Harmonic Distortion f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF, VO = 2Vpp 0.02 0.02 % en Equivalent Input Noise Voltage f = 1kHz, Rs = 100Ω, VCC = 30V 55 55 DVio Input Offset Voltage Drift 7 15 7 30 µV/ °C DIIio Input Offset Current Drift 10 200 10 300 pA/ °C Vo1/Vo2 Channel Separation - note (4) 1kHz ≤ f ≤ 20kHZ 120 120 dB 1. Vo = 1.4V, Rs = 0Ω, 5V < VCC + < 30V, 0 < V ic < VCC + - 1.5V 2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. 3. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is VCC + - 1.5V, but either or both inputs can go to +32V without damage. 4. Due to the proximity of external components insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of capacitance increases at higher frequencies. Table 2. Electrical characteristics for V CC + = +5V, V CC -= Ground, V o = 1.4V, Tamb = +25°C (unless otherwise specified) Symbol Parameter LM158A-LM258A LM358A LM158-LM258 LM358 Unit Min. Typ. Max. Min. Typ. Max. nV Hz ------------ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |