Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0118DA Datasheet(PDF) 6 Page - STMicroelectronics

Part # P0118DA
Description  Sensitive high immunity SCRs up to 0.8 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0118DA Datasheet(HTML) 6 Page - STMicroelectronics

  P0118DA Datasheet HTML 1Page - STMicroelectronics P0118DA Datasheet HTML 2Page - STMicroelectronics P0118DA Datasheet HTML 3Page - STMicroelectronics P0118DA Datasheet HTML 4Page - STMicroelectronics P0118DA Datasheet HTML 5Page - STMicroelectronics P0118DA Datasheet HTML 6Page - STMicroelectronics P0118DA Datasheet HTML 7Page - STMicroelectronics P0118DA Datasheet HTML 8Page - STMicroelectronics P0118DA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
P011xx
6/9
3
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
TO-92 dimensions
Ref
dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
1.35
0.053
B4.70
0.185
C
2.54
0.100
D4.40
0.173
E
12.70
0.500
F3.70
0.146
a0.50
0.019
A
F
C
B
a
DE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com