Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95640-DF Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95640-DF
Description  64-Kbit serial SPI bus EEPROM with high-speed clock
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-DF Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95640-DF Datasheet HTML 24Page - STMicroelectronics M95640-DF Datasheet HTML 25Page - STMicroelectronics M95640-DF Datasheet HTML 26Page - STMicroelectronics M95640-DF Datasheet HTML 27Page - STMicroelectronics M95640-DF Datasheet HTML 28Page - STMicroelectronics M95640-DF Datasheet HTML 29Page - STMicroelectronics M95640-DF Datasheet HTML 30Page - STMicroelectronics M95640-DF Datasheet HTML 31Page - STMicroelectronics M95640-DF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Instructions
M95640-W M95640-R M95640-DF
28/53
DocID16877 Rev 19
6.8
Write Identification Page (available only in M95640-D
devices)
The Identification Page (32 bytes) is an additional page which can be written and (later)
permanently locked in Read-only mode.
Writing this page is achieved with the Write Identification Page instruction (see Table 3). The
Chip Select signal (S) is first driven low. The bits of the instruction byte, address bytes, and
at least one data byte are then shifted in on Serial Data Input (D). Address bit A10 must be
0, upper address bits are Don't Care, the lower address bits [A4:A0] address bits define the
byte address inside the identification page. The instruction sequence is shown in Figure 16.
Figure 16. Write identification page sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com