Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95256-DF Datasheet(PDF) 47 Page - STMicroelectronics

Part # M95256-DF
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-DF Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M95256-DF Datasheet HTML 43Page - STMicroelectronics M95256-DF Datasheet HTML 44Page - STMicroelectronics M95256-DF Datasheet HTML 45Page - STMicroelectronics M95256-DF Datasheet HTML 46Page - STMicroelectronics M95256-DF Datasheet HTML 47Page - STMicroelectronics M95256-DF Datasheet HTML 48Page - STMicroelectronics M95256-DF Datasheet HTML 49Page - STMicroelectronics M95256-DF Datasheet HTML 50Page - STMicroelectronics M95256-DF Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
Contents
1
Description ........................................................................2
2
Memory organization ..............................................................4
3
Signal description .................................................................5
3.1
Serial data output (Q) ........................................................... 5
3.2
Serial data input (D) ............................................................ 5
3.3
Serial clock (C) ................................................................ 5
3.4
Chip select ................................................................... 5
3.5
Hold ......................................................................... 5
3.6
Write protect .................................................................. 5
3.7
VCC supply voltage ............................................................ 5
3.8
VSS ground ................................................................... 5
4
Connecting to the SPI bus .........................................................6
4.1
SPI modes .................................................................... 7
5
Operating features.................................................................8
5.1
Supply voltage (VCC) ........................................................... 8
5.1.1
Operating supply voltage (VCC) ............................................. 8
5.1.2
Device reset ............................................................ 8
5.1.3
Power-up conditions ...................................................... 8
5.1.4
Power-down ............................................................ 8
5.2
Active power and Standby power modes ........................................... 9
5.3
Hold condition ................................................................. 9
5.4
Status register ................................................................. 9
5.5
Data protection and protocol control .............................................. 10
6
Instructions ......................................................................11
6.1
Write enable (WREN) .......................................................... 12
6.2
Write disable (WRDI) .......................................................... 13
6.3
Read Status register (RDSR) ................................................... 14
6.3.1
WIP bit ............................................................... 14
6.3.2
WEL bit ............................................................... 14
6.3.3
BP1, BP0 bits .......................................................... 14
M95256-W M95256-R M95256-DF
Contents
DS4712 - Rev 22
page 47/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com