| Electronic Components Datasheet Search |
|
M95128-R Datasheet(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-R Datasheet(HTML) 46 Page - STMicroelectronics |
|
46 / 48 page ![]() List of tables Table 1. Signal names ...................................................................... 2 Table 2. Signals vs. bump position .............................................................. 3 Table 3. Write-protected block size ............................................................. 10 Table 4. Instruction set ..................................................................... 11 Table 5. Significant bits within the address bytes ................................................... 11 Table 6. Status register format ................................................................ 15 Table 7. Protection modes................................................................... 16 Table 8. Absolute maximum ratings ............................................................ 24 Table 9. Operating conditions (M95128-W, device grade 6) ............................................ 25 Table 10. Operating conditions (M95128-R, device grade 6) ............................................ 25 Table 11. Operating conditions (M95128-DF, device grade 6) ........................................... 25 Table 12. AC measurement conditions ........................................................... 25 Table 13. Cycling performance by groups of four bytes ................................................ 26 Table 14. Memory cell data retention ............................................................ 26 Table 15. Capacitance ...................................................................... 26 Table 16. DC characteristics (M95128-W, device grade 6).............................................. 27 Table 17. DC characteristics (M95128-R, device grade 6) .............................................. 27 Table 18. DC characteristics (M95128-DF, device grade 6) ............................................. 28 Table 19. AC characteristics (M95128-W, device grade 6) .............................................. 29 Table 20. AC characteristics (M95128-R, device grade 6) .............................................. 30 Table 21. AC characteristics (M95128-DF, device grade 6) ............................................. 31 Table 22. SO8N – Mechanical data ............................................................. 33 Table 23. TSSOP8 – Mechanical data ........................................................... 35 Table 24. UFDFPN8 - Mechanical data ........................................................... 38 Table 25. WLCSP8 - Mechanical data............................................................ 40 Table 26. Ordering information scheme........................................................... 41 Table 27. Document revision history ............................................................. 42 M95128-W M95128-R M95128-DF List of tables DS1356 - Rev 20 page 46/48 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |