Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFE252012PD-R47M Datasheet(PDF) 33 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 33 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 27Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 28Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 29Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 30Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 31Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 32Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 33Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 34Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
pins and parallel wiring over long distances as well as narrow traces must be avoided. Loops that conduct an
alternating current must outline an area as small as possible, as this area is proportional to the energy radiated.
Sensitive nodes like FB must be connected with short wires and not nearby high dv/dt signals (for example SW).
Because they carry information about the output voltage, they must be connected as close as possible to the
actual output voltage (at the output capacitor). The capacitor on the SS/TR pin as well as the FB resistors, R1
and R2, must be kept close to the IC and connect directly to those pins and the system ground plane.
The package uses the pins for power dissipation. Thermal vias on the VIN and GND pins help spread the heat
into the pcb.
The recommended layout is implemented on the EVM and shown in the TPS62810EVM-015 Evaluation Module
user's guide.
10.5.2 Layout Example
GND
VIN
GND
VOUT
Figure 10-63. Example Layout
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com