Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF10NC60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # GF10NC60
Description  10 A, 600 V short-circuit rugged IGBT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF10NC60 Datasheet(HTML) 5 Page - STMicroelectronics

  GF10NC60 Datasheet HTML 1Page - STMicroelectronics GF10NC60 Datasheet HTML 2Page - STMicroelectronics GF10NC60 Datasheet HTML 3Page - STMicroelectronics GF10NC60 Datasheet HTML 4Page - STMicroelectronics GF10NC60 Datasheet HTML 5Page - STMicroelectronics GF10NC60 Datasheet HTML 6Page - STMicroelectronics GF10NC60 Datasheet HTML 7Page - STMicroelectronics GF10NC60 Datasheet HTML 8Page - STMicroelectronics GF10NC60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
STGB10NC60KDT4, STGD10NC60KDT4,
STGF10NC60KD, STGP10NC60KD
Electrical characteristics
DocID11423 Rev 7
5/30
Table 6: Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCC = 390 V, IC = 5 A,
RG
= 10 Ω , VGE = 15 V
(see Figure 18: " Test circuit
for inductive load switching"
and Figure 20: " Switching
waveform")
-
17
-
ns
tr
Current rise time
-
6
-
ns
(di/dt)on
Turn-on current slope
-
655
-
A/µs
td(on)
Turn-on delay time
VCC = 390 V, IC = 5 A,
RG
= 10 Ω , VGE = 15 V,
Tj=125°C
(see Figure 18: " Test circuit
for inductive load switching"
and Figure 20: " Switching
waveform")
-
16.5
-
ns
tr
Current rise time
-
6.5
-
ns
(di/dt)on
Turn-on current slope
-
575
-
A/µs
tr(Voff)
Off voltage rise time
VCC = 390 V, IC = 5 A,
RG
= 10 Ω, VGE = 15 V
(see Figure 18: " Test circuit
for inductive load switching"
and Figure 20: " Switching
waveform")
-
33
-
ns
td(off)
Turn-off delay time
-
72
-
ns
tf
Current fall time
-
82
-
ns
tr(Voff)
Off voltage rise time
VCC = 390 V, IC = 5 A,
RG
= 10 Ω, VGE = 15 V,
Tj=125 °C
(see Figure 18: " Test circuit
for inductive load switching"
and Figure 20: " Switching
waveform")
-
60
-
ns
td(off)
Turn-off delay time
-
106
-
ns
tf
Current fall time
-
136
-
ns
Table 7: Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon(1)
Turn-on switching energy
VCC = 390 V, IC = 5 A,
RG
= 10 Ω , VGE = 15 V
(see Figure 18: " Test circuit
for inductive load switching")
-
55
-
μJ
Eoff(2)
Turn-off switching energy
-
85
-
μJ
Ets
Total switching energy
-
140
-
μJ
Eon(1)
Turn-on switching energy
VCC = 390 V, IC = 5 A,
RG
= 10 Ω , VGE = 15 V,
Tj=125°C
(see Figure 18: " Test circuit
for inductive load switching")
-
87
-
μJ
Eoff(2)
Turn-off switching energy
-
162
-
μJ
Ets
Total switching energy
-
249
-
μJ
Notes:
(1)Including the reverse recovery of the diode.
(2)Including the tail of the collector current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com