Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FUSB185 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # FUSB185
Description  Radial Leaded PTC FUSB Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FUSB185 Datasheet(HTML) 1 Page - DB Lectro Inc

  FUSB185 Datasheet HTML 1Page - DB Lectro Inc FUSB185 Datasheet HTML 2Page - DB Lectro Inc FUSB185 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Electrical characteristics(23
)
Resistance
Tolerance
Hold
Current
Trip
Current
Max.Time
to Trip
Maximum
Current
Rated
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH,A
IT,A
at 8A at 5xIH
IMAX,A
VMAX,Vdc Pd, W
ΩΩ
FUSB075
0.75
1.30
0.4
--
40
16/30
0.3
0.080
0.23
FUSB090
0.90
1.80
1.2
5.9
40
16/30
0.6
0.070
0.18
FUSB110
1.10
2.20
2.3
6.6
40
16/30
0.7
0.050
0.14
FUSB120
1.20
2.00
0.5
--
40
16/30
0.6
0.040
0.14
FUSB135
1.35
2.70
4.5
7.3
40
16/30
0.8
0.040
0.12
FUSB155
1.55
2.70
0.6
--
40
16/30
0.7
0.030
0.12
FUSB160
1.60
3.20
9.0
8.0
40
16/30
0.9
0.030
0.11
FUSB185
1.85
3.70
10.0
8.7
40
16/30
1.0
0.030
0.09
FUSB250
2.50
5.00
40.0
10.3
40
16/30
1.2
0.020
0.07
IH=Hold current-maximum current at which the device will not trip at 23
still air.
IT=Trip current-minimum current at which the device will always trip at 23
still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V max).
Pd=Typical power dissipated from device when in the tripped state in 23
still air environment.
RMIN=Minimum device resistance at 23 .
R1MAX=Maximum device resistance at 23
, 1 hour after tripping .
Physical specifications:
Lead material: Tin plated copper,24 AWG.
Soldering characteristics: Soldering ability per ANSI/J-STD 002
Solder heat withstand per IEC 68-2-20
FUSB 120 :Test Tb, method 1a, condition a; can withstand 5 second at 260
5
All others: Test Tb, method 1a, condition a; can withstand 10 second at 260
5
Insulating coating:Flame retardant epoxy polymer ,meets UL 94V-O requirement.
Application:
Low voltage USB equipment
Product Features:
Low resistance, Fast trip time , Lower
Trip-to-hold Ratio
Operation Current: 750mA ~2.5A
Maximum Voltage: 16V/30V
Temperature Range: -40
to 85
Agency Approvals: UL(E211981),
C-UL(E211981),
TUV (R3-50004084)
Radial Leaded PTC FUSB Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FUSB185

ManufacturerPart #DatasheetDescription
logo
RFE international
FUSB185F RFE-FUSB185F Datasheet
126Kb / 1P
Radial Leaded PPTC FUSB Series
logo
Fuzetec Technology Co.,...
FUSB185F FUZETEC-FUSB185F Datasheet
138Kb / 4P
Radial Leaded PTC Resettable Fuse: FUSB Series
logo
RFE international
FUSB185F RFE-FUSB185F Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results

Similar Description - FUSB185

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
Radial Leaded PTC
logo
RFE international
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
Radial Leaded PPTC FUSB Series
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
Radial Leaded PTC
logo
Fuzetec Technology Co.,...
FUSB075F FUZETEC-FUSB075F Datasheet
138Kb / 4P
Radial Leaded PTC Resettable Fuse: FUSB Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com