Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP-M-R003 Datasheet(PDF) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # FMP-M-R003
Description  2 mOhms ±1% 3.5W Chip Resistor 2010 (5025 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

FMP-M-R003 Datasheet(HTML) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

  FMP-M-R003 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG FMP-M-R003 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG FMP-M-R003 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG FMP-M-R003 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 /4
ISA-PLAN® // PRECISION RESISTORS
FMP // Size 2010
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 11-November-2019 // Current valid issue: see www.isabellenhuette.de
▪ Current sensor for power hybrid applications
▪ Control systems for the automotive market
▪ Power modules
▪ Frequency converters
▪ Switch mode power supplies
▪ Power rating up to 4 W at 70°C (1.5mOhm)
▪ Constant current up to 50 A (1.5 mOhm)
▪ Standard pad size (2010)
▪ High pulse power rating
▪ Excellent long-term stability
▪ Mounting: Reflow- and IR-soldering
▪ AEC-Q200 qualification in preparation
▪ RoHS 2011/65/EU compliant
Features
Applications
Preliminary technical data
Resistance values
mOhm
1.5 / 2 / 3 / 4 / 5 / 6
Tolerance
%
1 / 5
Temperature coefficient (20-60 °C)
ppm/K
< 50
Applicable temperature range
°C
-65 to +170
Power rating
W
up to 4
Dielectric withstanding voltage
V AC/DC
200
Inductance
nH
< 3
Stability (at rated power) deviation after
2000h, TK = Terminal temperature
< 0.5 % (TK=80 °C)
< 1.0 % (TK=110 °C)
RoHS
PRELIMINARY VERSION
Type
Value [mΩ] Rthi [K/W] TCR [ppm/K] P70 °C
[W]
P110°C
[W]
FMP-Z-R0015* 1.5
20
<50
4
3
FMP-M-R002* 2
25
<50
3.5
2
FMP-M-R003
3
40
<50
2.5
1.5
FMP-V-R004* 4
50
<50
2
1
FMP-V-R005
5
55
<50
2
1
FMP-V-R006* 6
67
<50
1.5
1
* values in preparation
Ordering code
FMP - M - R003 - 1.0
Tolerance
Resistance value [Ohm] / „R“ represents decimal point
Material (MANGANIN®)
Type


Similar Part No. - FMP-M-R003

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
FMP-12-SSPF LABFACILITY-FMP-12-SSPF Datasheet
211Kb / 1P
Connector Panel Face-plates – Type SSPF
logo
3M Electronics
FMP-12C5 3M-FMP-12C5 Datasheet
1Mb / 4P
3M™ Eco SPP3 19" Fibre Optic Patch Panels
06.2008
FMP-12C5OM3 3M-FMP-12C5OM3 Datasheet
1Mb / 4P
3M™ Eco SPP3 19" Fibre Optic Patch Panels
06.2008
FMP-12C6 3M-FMP-12C6 Datasheet
1Mb / 4P
3M™ Eco SPP3 19" Fibre Optic Patch Panels
06.2008
FMP-12C9 3M-FMP-12C9 Datasheet
1Mb / 4P
3M™ Eco SPP3 19" Fibre Optic Patch Panels
06.2008
More results

Similar Description - FMP-M-R003

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
Pulse Withstanding Chip Resistor
logo
Isabellenhütte Heu...
FMK ISABELLENHUETTE-FMK Datasheet
623Kb / 4P
2 mOhms ±1% 3.5W Chip Resistor 1206 (3216 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
17-April-2020
FMS ISABELLENHUETTE-FMS Datasheet
607Kb / 4P
2 mOhms ±1% 3.5W Chip Resistor 2512 (6432 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
11-November-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com