Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP-M-R002 Datasheet(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # FMP-M-R002
Description  2 mOhms ±1% 3.5W Chip Resistor 2010 (5025 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

FMP-M-R002 Datasheet(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  FMP-M-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG FMP-M-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG FMP-M-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG FMP-M-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 /4
ISA-PLAN® // PRECISION RESISTORS
FMP // Size 2010
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 11-November-2019 // Current valid issue: see www.isabellenhuette.de
Temperature dependence of the electrical resistance of
MANGANIN® resistors
dR/R20 [%]
08.03.2019,me
-1,0
-0,5
0,0
0,5
1,0
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
Temperature dependence of the electrical resistance of
ZERANIN® resistors
08.03.2019,me
-1,0
-0,5
0,0
0,5
1,0
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
Temperature [°C]
Temperature [°C]
Temperature dependence of the electrical resistance of
NOVENTIN® resistors
dR/R20 [%]
08.03.2019,me
-1,0
-0,5
0,0
0,5
1,0
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
dR/R20 [%]
Temperature [°C]
Power derating curve
Stability < 1.0 %
Improved stability < 0.5 %
P/PNom
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
Terminal temperature TK [°C]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com