Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z01XXYA2AL2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # Z01XXYA2AL2
Description  Standard 1 A Triacs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z01XXYA2AL2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button Z01XXYA2AL2 Datasheet HTML 8Page - STMicroelectronics Z01XXYA2AL2 Datasheet HTML 9Page - STMicroelectronics Z01XXYA2AL2 Datasheet HTML 10Page - STMicroelectronics Z01XXYA2AL2 Datasheet HTML 11Page - STMicroelectronics Z01XXYA2AL2 Datasheet HTML 12Page - STMicroelectronics Z01XXYA2AL2 Datasheet HTML 13Page - STMicroelectronics Z01XXYA2AL2 Datasheet HTML 14Page - STMicroelectronics Z01XXYA2AL2 Datasheet HTML 15Page - STMicroelectronics Z01XXYA2AL2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
3.2
Ordering information
Table 9. Ordering information
Order code(1)
Marking(1)
Package
Weight
Base qty.
Delivery mode
Z01xxyA 1AA2
Z01xxyA
TO-92
0.2 g
2500
Bulk
Z01xxyA 2AL2
2000
Ammopack
Z01xxyA 5AL2
2000
Tape and reel
Z0103yN 5AA4
Z3y
SOT-223
0.12 g
1000
Z0103MN 6AA4
Z3M
4000
Z0107yN 5AA4
Z7y
1000
Z0107MN 6AA4
Z7M
4000
Z0109yN 5AA4
Z9y
1000
Z0109NN6AA4
Z9N
4000
Z0103MUF
Z3M
SMBflat-3L
46.78 mg
5000
Z0107MUF
Z7M
5000
Z0109MUF
Z9M
5000
1. xx = sensitive, y = voltage, and check Figure 20. Ordering information scheme.
Z01
Ordering information
DS2116 - Rev 11
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com