Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP372..H Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSOP372..H
Description  IR Receiver Modules for Remote Control Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP372..H Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TSOP372..H Datasheet HTML 2Page - Vishay Siliconix TSOP372..H Datasheet HTML 3Page - Vishay Siliconix TSOP372..H Datasheet HTML 4Page - Vishay Siliconix TSOP372..H Datasheet HTML 5Page - Vishay Siliconix TSOP372..H Datasheet HTML 6Page - Vishay Siliconix TSOP372..H Datasheet HTML 7Page - Vishay Siliconix TSOP372..H Datasheet HTML 8Page - Vishay Siliconix TSOP372..H Datasheet HTML 9Page - Vishay Siliconix TSOP372..H Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TSOP372..H, TSOP374..H
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 30-Mar-2021
6
Document Number: 82622
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
ASSEMBLY INSTRUCTIONS
Reflow Soldering
• Reflow soldering must be done within 168 h while stored
under a max. temperature of 30 °C, 60 % RH after
opening the dry pack envelope
• Set the furnace temperatures for pre-heating and heating
in accordance with the reflow temperature profile as
shown in the diagram. Exercise extreme care to keep the
maximum temperature below 260 °C. The temperature
shown in the profile means the temperature at the device
surface. Since there is a temperature difference between
the component and the circuit board, it should be verified
that the temperature of the device is accurately being
measured
• Handling after reflow should be done only after the work
surface has been cooled off
Manual Soldering
• Use a soldering iron of 25 W or less. Adjust the
temperature of the soldering iron below 300 °C
• Finish soldering within 3 s
• Handle products only after the temperature has cooled off
4.3 ± 0.2
Pinning from Topview
0.75 ± 0.05
4 x 0.75 = 3
0.35 ± 0.05
(8 x)
1.5
3
(0.3)
(3.25)
Proposed pad layout from
component side
(dim. for reference only)
(4.3)
(0.35)
4 x 0.75 = 3
technical drawings
according to DIN
specifications
All dimensions in mm
Not indicated tolerances ± 0.1
Drawing-No.: 6.550-5316.01-4
Issue: 2; 12.02.14
(3 x)
(0.45)
1
2
3
4
5
8
7
6
Marking area
Pin 1 identification
0.475
Allowed offset
outer edge of shield
to solder pads of
molded device
± 0.1 mm
optically effective area
(1)
(1)
(2) Pins connected internally.
It is not necessary to connect
externally.
(2)
(2)
(2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com