| Electronic Components Datasheet Search |
|
KSZ9567R Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9567R Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 232 page ![]() KSZ9567R DS00002329D-page 14 2017-2019 Microchip Technology Inc. LED Pins Port 1 LED Indicator 0 LED1_0 IPU/O8 Port 1 LED Indicator 0. Active low output sinks current to light an external LED. Port 1 LED Indicator 1 LED1_1 IPU/O8 Port 1 LED Indicator 1. Active low output sinks current to light an external LED. Note: This pin also provides configuration strap func- tions during hardware/software resets. Refer to Section 3.2.1, "Configuration Straps" for addi- tional information. Port 2 LED Indicator 0 LED2_0 IPU/O8 Port 2 LED Indicator 0. Active low output sinks current to light an external LED. Note: This pin also provides configuration strap func- tions during hardware/software resets. Refer to Section 3.2.1, "Configuration Straps" for addi- tional information. Port 2 LED Indicator 1 LED2_1 IPU/O8 Port 2 LED Indicator 1. Active low output sinks current to light an external LED. Note: This pin also provides configuration strap func- tions during hardware/software resets. Refer to Section 3.2.1, "Configuration Straps" for addi- tional information. Port 3 LED Indicator 0 LED3_0 IPU/O8 Port 3 LED Indicator 0. Active low output sinks current to light an external LED. Port 3 LED Indicator 1 LED3_1 IPU/O8 Port 3 LED Indicator 1. Active low output sinks current to light an external LED. Note: This pin also provides configuration strap func- tions during hardware/software resets. Refer to Section 3.2.1, "Configuration Straps" for addi- tional information. Port 4 LED Indicator 0 LED4_0 IPU/O8 Port 4 LED Indicator 0. Active low output sinks current to light an external LED. Note: This pin also provides configuration strap func- tions during hardware/software resets. Refer to Section 3.2.1, "Configuration Straps" for addi- tional information. Port 4 LED Indicator 1 LED4_1 IPU/O8 Port 4 LED Indicator 1. Active low output sinks current to light an external LED. Note: This pin also provides configuration strap func- tions during hardware/software resets. Refer to Section 3.2.1, "Configuration Straps" for addi- tional information. Port 5 LED Indicator 0 LED5_0 IPU/O8 Port 5 LED Indicator 0. Active low output sinks current to light an external LED. Port 5 LED Indicator 1 LED5_1 IPU/O8 Port 5 LED Indicator 1. Active low output sinks current to light an external LED. Note: This pin also provides configuration strap func- tions during hardware/software resets. Refer to Section 3.2.1, "Configuration Straps" for addi- tional information. TABLE 3-2: PIN DESCRIPTIONS (CONTINUED) NAME SYMBOL BUFFER TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |