Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9563RNXC Datasheet(PDF) 18 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 18 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 14Page - Microchip Technology KSZ9563RNXC Datasheet HTML 15Page - Microchip Technology KSZ9563RNXC Datasheet HTML 16Page - Microchip Technology KSZ9563RNXC Datasheet HTML 17Page - Microchip Technology KSZ9563RNXC Datasheet HTML 18Page - Microchip Technology KSZ9563RNXC Datasheet HTML 19Page - Microchip Technology KSZ9563RNXC Datasheet HTML 20Page - Microchip Technology KSZ9563RNXC Datasheet HTML 21Page - Microchip Technology KSZ9563RNXC Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 226 page
background image
KSZ9563R
DS00002419D-page 18
 2017-2018 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
This section provides functional descriptions for the following:
• Physical Layer Transceiver (PHY)
• LEDs
• Media Access Controller (MAC)
• Switch
• IEEE 1588 Precision Time Protocol
• Clocking
• Power
• Power Management
• Management Interface
• In-Band Management
• MAC Interface (RGMII/MII/RMII Port 3)
4.1
Physical Layer Transceiver (PHY)
Ports 1 and 2 include completely integrated triple-speed (10BASE-T, 100BASE-TX, 1000BASE-T) Ethernet physical
layer transceivers for transmission and reception of data over standard four-pair unshielded twisted pair (UTP), CAT-5
or better Ethernet cable.
The device reduces board cost and simplifies board layout by using on-chip termination resistors for the four differential
pairs, eliminating the need for external termination resistors. The internal chip termination and biasing provides signifi-
cant power savings when compared with using external biasing and termination resistors.
The device can automatically detect and correct for differential pair misplacements and polarity reversals, and correct
for propagation delay differences between the four differential pairs, as specified in the IEEE 802.3 standard for
1000BASE-T operation.
4.1.1
1000BASE-T TRANSCEIVER
The 1000BASE-T transceiver is based on a mixed-signal/digital signal processing (DSP) architecture, which includes
the analog front-end, digital channel equalizers, trellis encoders/decoders, echo cancelers, cross-talk cancelers, a pre-
cision clock recovery scheme, and power-efficient line drivers.
4.1.1.1
Analog Echo Cancellation Circuit
In 1000BASE-T mode, the analog echo cancellation circuit helps to reduce the near-end echo. This analog hybrid circuit
relieves the burden of the ADC and the adaptive equalizer. This circuit is disabled in 10BASE-T/100BASE-TX mode.
4.1.1.2
Automatic Gain Control (AGC)
In 1000BASE-T mode, the automatic gain control circuit provides initial gain adjustment to boost up the signal level. This
pre-conditioning circuit is used to improve the signal-to-noise ratio of the receive signal.
4.1.1.3
Analog-to-Digital Converter (ADC)
In 1000BASE-T mode, the analog-to-digital converter digitizes the incoming signal. ADC performance is essential to the
overall performance of the transceiver. This circuit is disabled in 10BASE-T/100BASE-TX mode.
4.1.1.4
Timing Recovery Circuit
In 1000BASE-T mode, the mixed signal clock recovery circuit, together with the digital phase locked loop (PLL), is used
to recover and track the incoming timing information from the received data. The digital PLL has very low long-term jitter
to maximize the signal-to-noise ratio of the receive signal.
The 1000BASE-T slave PHY must transmit the exact receive clock frequency recovered from the received data back to
the 1000BASE-T master PHY. Otherwise, the master and slave will not be synchronized after long transmission. This
also helps to facilitate echo cancellation and NEXT removal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com