Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9563R Datasheet(PDF) 30 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 30 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 26Page - Microchip Technology KSZ9563R Datasheet HTML 27Page - Microchip Technology KSZ9563R Datasheet HTML 28Page - Microchip Technology KSZ9563R Datasheet HTML 29Page - Microchip Technology KSZ9563R Datasheet HTML 30Page - Microchip Technology KSZ9563R Datasheet HTML 31Page - Microchip Technology KSZ9563R Datasheet HTML 32Page - Microchip Technology KSZ9563R Datasheet HTML 33Page - Microchip Technology KSZ9563R Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 226 page
background image
KSZ9563R
DS00002419D-page 30
 2017-2018 Microchip Technology Inc.
4.4.2.8
Lookup Engine Registers
Table 4-7 provides a list of lookup engine related registers.
4.4.3
IEEE 802.1Q VLAN
Virtual LAN is a means of segregating a physical network into multiple virtual networks whereby traffic may be confined
to specific subsets of the greater network. IEEE 802.1Q defines a VLAN protocol using a 4-byte tag that is added to the
Ethernet frame header. The device supports port-based and tag-based VLANs, including tagging, un-tagging, forward-
ing and filtering.
4.4.3.1
Non-Tag Port-Based VLAN
The simplest VLAN method establishes forwarding restrictions on a port-by-port basis without using VLAN tags. There
is a register for each ingress port that is used to specify the allowed forwarding ports. An incoming packet is restricted
from being forwarded to any egress port that is disallowed for that ingress port. The settings are made in the Port Control
1 Register. This function is always enabled; it is not enabled and disabled by the 802.1Q VLAN Enable bit in the Switch
Lookup Engine Control 0 Register. The default setting is to allow all ingress-to-egress port paths.
4.4.3.2
Tag-Based VLAN
When 802.1Q VLAN is enabled, an internal VLAN Table with 4k entries is used to a store port membership list, VLAN
group ID (FID) and additional information relating to each VLAN. This table must be set up by an administrator prior to
enabling 802.1Q VLAN. Enabling is done by setting the 802.1Q VLAN Enable bit in the Switch Lookup Engine Control
0 Register.
In 802.1Q VLAN mode, the lookup process starts with VLAN Table lookup, using the tag's VID as the address. The first
step is to determine whether the VID is valid. If the VID is not valid, the packet is dropped and its address is not learned.
Alternatively, unknown VID packets may be forwarded to pre-defined ports or to the host port. If the VID is valid, the FID
is retrieved for further lookup. The FID + Destination Address (hashed(DA) + FID) are used to determine the destination
port. The FID + Source Address (hashed(SA) + FID) are used for address learning (see Table 4-9 and Table 4-10).
TABLE 4-7:
LOOKUP ENGINE REGISTERS
Registers
Description
Global Interrupt Status Register,
Global Interrupt Mask Register
Top level LUE interrupt
Switch Lookup Engine Control 0 Register,
Switch Lookup Engine Control 1 Register,
Switch Lookup Engine Control 2 Register,
Switch Lookup Engine Control 3 Register
Misc.
Address Lookup Table Interrupt Register,
Address Lookup Table Mask Register
Low level LUE interrupts
Address Lookup Table Entry Index 0 Register,
Address Lookup Table Entry Index 1 Register
Access failure address/index
ALU Table Index 0 Register,
ALU Table Index 1 Register,
ALU Table Access Control Register,
Static Address and Reserved Multicast Table
Control Register,
ALU / Static Address Table Entry 1 Register,
ALU / Static Address / Reserved Multicast
Table Entry 2 Register,
ALU / Static Address Table Entry 3 Register,
ALU / Static Address Table Entry 4 Register
Address table access registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com