Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9563R Datasheet(PDF) 182 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 182 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 178Page - Microchip Technology KSZ9563R Datasheet HTML 179Page - Microchip Technology KSZ9563R Datasheet HTML 180Page - Microchip Technology KSZ9563R Datasheet HTML 181Page - Microchip Technology KSZ9563R Datasheet HTML 182Page - Microchip Technology KSZ9563R Datasheet HTML 183Page - Microchip Technology KSZ9563R Datasheet HTML 184Page - Microchip Technology KSZ9563R Datasheet HTML 185Page - Microchip Technology KSZ9563R Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 226 page
background image
KSZ9563R
DS00002419D-page 182
 2017-2018 Microchip Technology Inc.
5.3.1.1
Address Lookup Table Read Operation
1.
Write the index to the ALU Table Index 0 Register and ALU Table Index 1 Register.
a) A MAC address is used for the hashing indexing function, which is the normal access mechanism for this
table.
b) A FID is also required if VLAN is enabled.
c) If directly addressing the table, a 12-bit index is written to bits [11:0] of the MAC address field.
2.
Write to the ALU Table Access Control Register.
a) Set the ACTION field to 10 to indicate a read operation.
b) Select the addressing method via the DIRECT bit.
c) Set the START_FINISH bit to initiate the operation.
3.
Read / poll the ALU Table Access Control Register.
a) The START_FINISH bit transitions to 0 to indicate that the operation is complete.
b) Once START_FINISH is 0, the VALID bit indicates whether or not a valid entry was found. If VALID is false,
there is no need to proceed to step 4.
c) The VALID_ENTRY_OR_SEARCH_END bit is an aggregate of the START_FINISH bit and the VALID bit. It
is intended for use when accessing registers by in-band management (IBA), where polling multiple bits is
less practical.
4.
Read the contents of the returned table entry from the ALU Table Entry 1 Register, ALU Table Entry 2 Register,
ALU Table Entry 3 Register, and ALU Table Entry 4 Register. If no VALID entry is returned, these registers will
contain all zeros.
FIGURE 5-3:
ADDRESS LOOKUP TABLE CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com