Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV16541DL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AV16541DL
Description  2.5V/3.3V 16-bit buffer/driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AV16541DL Datasheet(HTML) 3 Page - NXP Semiconductors

  AV16541DL Datasheet HTML 1Page - NXP Semiconductors AV16541DL Datasheet HTML 2Page - NXP Semiconductors AV16541DL Datasheet HTML 3Page - NXP Semiconductors AV16541DL Datasheet HTML 4Page - NXP Semiconductors AV16541DL Datasheet HTML 5Page - NXP Semiconductors AV16541DL Datasheet HTML 6Page - NXP Semiconductors AV16541DL Datasheet HTML 7Page - NXP Semiconductors AV16541DL Datasheet HTML 8Page - NXP Semiconductors AV16541DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT16541
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Feb 13
3
LOGIC SYMBOL (IEEE/IEC)
2
∇
&
EN1
1
48
47
46
44
43
41
40
38
37
2
∇
&
EN2
24
25
36
35
33
32
30
29
27
26
2
3
5
6
8
9
11
12
13
14
16
17
19
20
22
23
SW00149
PIN CONFIGURATION
GND
GND
VCC
VCC
GND
GND
1OE0
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2OE0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
1OE1
1Y0
1Y1
GND
1Y2
1Y3
VCC
1Y4
1Y5
GND
1Y6
1Y7
2Y0
2Y1
GND
2Y2
2Y3
VCC
2Y4
2Y5
GND
2Y6
2Y7
2OE1
SW00150
FUNCTION TABLE
INPUTS
OUTPUTS
nOE0
nOE1
nAx
nYx
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High Impedance “off ” state



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com